Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LURLSIR9553-R4-TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LURLSIR9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURLSIR9553-R4-TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LURLSIR9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LURLSIR9553/R4/TR1
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@
mA(V)
Luminous
intensity
@20mA(mcd)
Peak
wave
length
λpnm
Spectral
halfwidth
△λnm
COLOR
20
Red
GaAlAs
660
Water Clear
Emitted
MATERIAL
Lens
2.4
1.5
20
80
125
120
Min.
Max.
Min.
Typ.
Electrostatic Discharge
Power Dissipation
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Operating Temperature
Storage Temperature
Reverse Current @5V
Parameter
μA
10
Ir
℃
-40 ~ +85
Tstg
Topr
ESD
-40 ~ +85
℃
V
mA
40
IF
PD
120
IFP
120
mW
mA
Red
Symbol
Ratings
UNIT
Absolute Maximum Ratings at Ta=25
℃
Page 3/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LURLSIR9553/R4/TR1
Emitted
GaAlAs
LURLSIR9553/R4/TR1
PART NO
MATERIAL
120
1.0
0.6
70
1.4 1.7
Water Clear
880
Max.
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Peak
wave
length
λpnm
Lens
COLOR
Typ.
Viewing
angle
2
θ 1/2
(deg)
Typ.
Min.
Radiant
Intensity
@20(mW/sr)
Aperture
Radiant
Incidence
@20(mW/cm )
Min. Typ.
0.1 0.19
2
Infrared
Infrared
10
100
50
2000
2000
----
IFP
----
1
A
Peak Forward Current
(300PPS,10
μs Pulse)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com