Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LURLSIR9553-R4-TR1 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LURLSIR9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURLSIR9553-R4-TR1 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LURLSIR9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Note: 1.Wave solder and reflow soldering should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
3-2 PB-Free Reflow Solder
120 sec.Max.
Above 220
¢XC
60 sec.Max.
1~5
¢XC/sec
Preheat
180~200
¢XC
1~5
¢XC/sec
260
¢XC MaX.
10sec.Max
120 ~ 150
℃
240
3-1. LEAD Reflow Solder
Temp.
(
℃)
150
120
Rising
+5
℃/sec
Cooling
-5
℃/sec
60 ~ 120 sec
5sec
Time
Preheat
120 ~ 180 sec
Preheat
Recommended Soldering Conditions
1.
Hand
Solder
Basic spec is
≦ 280℃ 3 sec one time only.
2. Wave Solder
Soldering heat Max. 260
℃
245
±5℃ within 5 sec
Page 6/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LURLSIR9553/R4/TR1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com