Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LURLSIR9553-R4-TR1 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LURLSIR9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURLSIR9553-R4-TR1 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LURLSIR9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURLSIR9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
80
Fig.1 Forward Current vs. Rorward Voltage
Typical Electro-Optical Characteristics Curve
Fig.5 Forward DC Voltage vs. Temperature
Ambient Temperature
[℃]
1.0
0
-20
-40
0.8
60
40
20
0.9
1.1
1.2
10.0
IFDC(mA)
0.1
1
10
1.0
Fig.3 Relative Radiant Power
vs. Forward DC Current
Forward Voltage(V)
1
0.1
0.5
1.0
1.5
2.0
10
SIR CHIP
1000
100
Fig.6 Relative Radiant Power vs. Temperature
Ambient Temperature[
℃]
1.5
20
0.5
0.0
1000
-20
-40
1.0
80
60
40
100
2.5
2.0
3.0
IFPK(mA)
100
0.1
10
1000
100
1.0
vs. Forward Peak Current
Wavelength(nm)
Fig.4 Relative Radiant Power
10.0
0.0
2.5
800
750
850
0.5
950
900
1000
1050
Fig.2 Relative Radiant Intensity vs. Wavelength
1.0
Page 5/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LURLSIR9553/R4/TR1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com