Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4623 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF4623
Description  SAW FILTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4623 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF4623 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 9Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SAW FILTER
HD F4623
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 3 of 11
1.Features
_ RF bandpass filter for CDMA450 Rx. Part
_ Usable bandwidth 5MHz (460.0 MHz ~ 465.0MHz)
_ High attenuation
_ No matching single-balanced operation ( single 50Ω / balance 100Ω )
_ Ceramic Surface Mounted Device Package ( 3.0 mm × 3.0mm )
_RoHS Compliant
2. ELECTRICAL SPECIFICATION
Parameter
Rating Unit
Operating Temperature Range -30~85 °C
Storage Temperature Range
-40~85 °C
Power Handling Capability
20
dBm
Electronic Characteristics
2-1.Typical frequency response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com