Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4623 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF4623
Description  SAW FILTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4623 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

Back Button HDF4623 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 10Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 11Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SAW FILTER
HD F4623
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 7 of 11
4-1. DIMENSION
4-2Marking Configuration
1) Pad Number 1 Index
2) Manufacturer name
3) Marking Number
5.Environmental Performance Characteristics
Item
Condition
Specifications
High
temperature
The specimen shall be store at a temperature of
85±2℃ for 96±4h. Then it shall be subjected to
standard atmospheric conditions for 1h, after
which measurement shall be made within 1h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com