Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDF4623 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF4623
Description  SAW FILTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4623 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

Back Button HDF4623 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 9Page - Shoulder Electronics Limited. HDF4623 Datasheet HTML 10Page - Shoulder Electronics Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SAW FILTER
HD F4623
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 6 of 11
2-4.Electrical characteristics
Minimum
Typical
Maximum
Center Frequency ( F0 )
MHz
-
462.5
-
Insertion Loss (F0 +/- 2.5 MHz)
dB
-
2.5
3.0
Amplitude Ripple (F0 +/- 2.5 MHz)
dB
-
0.5
1.0
VSWR (F0 +/- 2.5 MHz)
-
1.7
2.1
Relative Attenuation
0.3 MHz ~ 450.0 MHz
450.0 MHz ~ 455.0 MHz
482.5 MHz ~ 492.5 MHz
492.5 MHz ~ 1200 MHz
1200 MHz ~ 1500 MHz
1500 MHz ~ 2000 MHz
dB
45
30
20
45
40
30
50
35
30
-
-
-
-
Input/Output Impedance
Ω
Single 50 / balance 100
3. TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com