Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08QG4MPBE Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC9S08QG4MPBE
Description  HCS08 Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG4MPBE Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG4MPBE Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 314 page
background image
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
19
Chapter 1
Device Overview
1.1
Introduction
The MC9S08QG8 is a member of the low-cost, high-performance HCS08 Family of 8-bit microcontroller
units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available with a variety of
modules, memory sizes, memory types, and package types. Refer to Table 1-1 for features associated with
each device in this series.
1.1.1
Devices in the MC9S08QG8/4 Series
Table 1-1
summarizes the features available in the MC9S08QG8/4 series of MCUs.
Table 1-1. Devices in the MC9S08QG8/4 Series
Feature
Device
MC9S08QG8
MC9S08QG4
Package
24-Pin
16-Pin
8-Pin
24-Pin
16-Pin
8-Pin
FLASH
8K
4K
RAM
512
256
XOSC
yes
yes
no
yes
yes
no
ICS
yes
yes
ACMP
yes
yes
ADC
8-ch
8-ch
4-ch
8-ch
8-ch
4-ch
DBG
yes
yes
yes
yes
IIC
yes
yes
IRQ
yes
yes
KBI
8-pin
8-pin
4-pin
8-pin
8-pin
4-pin
MTIM
yes
yes
SCI
yes
yes
no
yes
yes
no
SPI
yes
yes
no
yes
yes
no
TPM
2-ch
2-ch
1-ch
2-ch
2-ch
1-ch
I/O pins
12 I/O
1 Output
only
1 Input
only
12 I/O
1 Output only
1 Input only
4 I/O
1 Output only
1 Input only
12 I/O
1 Output only
1 Input only
12 I/O
1 Output only
1 Input only
4 I/O
1 Output only
1 Input only
Package
Types
24 QFN
16 PDIP
16 QFN
16 TSSOP
8 DFN
8 SOIC
24 QFN
16 QFN
16 TSSOP
8 DFN
8 PDIP
8 SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com