Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08QG4MPBE Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MC9S08QG4MPBE
Description  HCS08 Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG4MPBE Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG4MPBE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 314 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
81
6.4.2.1
Port A Internal Pullup Enable (PTAPE)
An internal pullup device can be enabled for each port pin by setting the corresponding bit in the pullup
enable register (PTAPEn). The pullup device is disabled if the pin is configured as an output by the parallel
I/O control logic or any shared peripheral function regardless of the state of the corresponding pullup
enable register bit. The pullup device is also disabled if the pin is controlled by an analog function.
6.4.2.2
Port A Slew Rate Enable (PTASE)
Slew rate control can be enabled for each port pin by setting the corresponding bit in the slew rate control
register (PTASEn). When enabled, slew control limits the rate at which an output can transition to reduce
EMC emissions. Slew rate control has no effect on pins which are configured as inputs.
76
54
321
0
R
00
PTAPE5
PTAPE41
1
PTAPE4 has no effect on the output-only PTA4 pin.
PTAPE3
PTAPE2
PTAPE1
PTAPE0
W
Reset:
000
00
000
Figure 6-4. Internal Pullup Enable for Port A Register (PTAPE)
Table 6-3. PTAPE Register Field Descriptions
Field
Description
5:0
PTAPE[5:0]
Internal Pullup Enable for Port A Bits — Each of these control bits determines if the internal pullup device is
enabled for the associated PTA pin. For port A pins that are configured as outputs, these bits have no effect and
the internal pullup devices are disabled.
0 Internal pullup device disabled for port A bit n.
1 Internal pullup device enabled for port A bit n.
76
54
321
0
R
00
PTASE51
1
PTASE5 has no effect on the input-only PTA5 pin.
PTASE4
PTASE3
PTASE2
PTASE1
PTASE0
W
Reset:
001
11
111
Figure 6-6. Slew Rate Enable for Port A Register (PTASE)
Table 6-4. PTASE Register Field Descriptions
Field
Description
5:0
PTASE[5:0]
Output Slew Rate Enable for Port A Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTA pin. For port A pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port A bit n.
1 Output slew rate control enabled for port A bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com