Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08QG4MPBE Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC9S08QG4MPBE
Description  HCS08 Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QG4MPBE Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC9S08QG4MPBE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08QG4MPBE Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 314 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QG8 and MC9S08QG4 Data Sheet, Rev. 5
Freescale Semiconductor
75
5.8.9
System Power Management Status and Control 2 Register
(SPMSC2)
This high page register contains status and control bits to configure the stop mode behavior of the MCU.
See Section 3.6, “Stop Modes,” for more information on stop modes.
76
54
321
0
R
0
0
0
PDF
PPDF
0
PDC1
1
This bit can be written only one time after reset. Additional writes are ignored.
PPDC1
W
PPDACK
Reset:
000
00
000
= Unimplemented or Reserved
Figure 5-11. System Power Management Status and Control 2 Register (SPMSC2)
Table 5-13. SPMSC2 Register Field Descriptions
Field
Description
4
PDF
Power Down Flag — This read-only status bit indicates the MCU has recovered from stop1 mode.
0 MCU has not recovered from stop1 mode.
1 MCU recovered from stop1 mode.
3
PPDF
Partial Power Down Flag — This read-only status bit indicates that the MCU has recovered from stop2 mode.
0 MCU has not recovered from stop2 mode.
1 MCU recovered from stop2 mode.
2
PPDACK
Partial Power Down Acknowledge — Writing a 1 to PPDACK clears the PPDF and the PDF bits.
1
PDC
Power Down Control — The PDC bit controls entry into the power down (stop2 and stop1) modes.
0 Power down modes are disabled.
1 Power down modes are enabled.
0
PPDC
Partial Power Down Control — The PPDC bit controls which power down mode is selected.
0 Stop1 full power down mode enabled if PDC set.
1 Stop2 partial power down mode enabled if PDC set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com