Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 126 page
background image
Clocking
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
105
NOTE
The reference impedance for return loss measurements is 50. to ground for both the D+ and
D- line (that is, as measured by a Vector Network Analyzer with 50. probes—see
Figure 71). Note that the series capacitors, CTX, are optional for the return loss
measurement.
Figure 70. Minimum Receiver Eye Timing and Voltage Compliance Specification
2.22.0.1
Compliance Test and Measurement Load
The AC timing and voltage parameters must be verified at the measurement point, as specified within 0.2 inches of the package
pins, into a test/measurement load shown in Figure 71.
NOTE
The allowance of the measurement point to be within 0.2 inches of the package pins is
meant to acknowledge that package/board routing may benefit from D+ and D– not being
exactly matched in length at the package pin boundary.
Figure 71. Compliance Test/Measurement Load
2.23
Clocking
This section describes the PLL configuration of the MPC8535E. Note that the platform clock is identical to the core complex
bus (CCB) clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com