Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Clocking
Freescale Semiconductor
108
Please note that the DDR PLL reference clock input, DDRCLK, is only required in asynchronous mode.
The DDRCLKDR configuration register in the Global Utilities block allows the DDR controller to be run in a divided down
mode where the DDR bus clock is half the speed of the default configuration. Changing of these defaults must be completed
prior to initialization of the DDR controller.
2.23.5
PCI Clocks
The integrated PCI controller in MPC8535E supports PCI input clock frequency in the range of 33–66 MHz. The PCI input
clock can be applied from SYSCLK in synchronous mode or PCI1_CLK in asynchronous mode. For specifications on the
PCI1_CLK, refer to the PCI 2.2 Specification.
The use of PCI1_CLK is optional if SYSCLK is in the range of 33–66 MHz. If SYSCLK is outside this range then use of
PCI1_CLK is required as a separate PCI clock source, asynchronous with respect to SYSCLK.
Table 77. DDR Clock Ratio
Functional Signals
Reset Configuration
Name
Value (Binary)
DDR:DDRCLK Ratio
TSEC_1588_TRIG_OUT[0:1],
TSEC1_1588_CLK_OUT
cfg_ddr_pll[0:2]
000
3:1
001
4:1
010
6:1
011
8:1
100
10:1
101
12:1
110
Reserved
111
Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com