Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 126 page
background image
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Thermal
Freescale Semiconductor
110
Simulations with heat sinks were done with the package mounted on the 2s2p thermal test board. The thermal interface material
was a typical thermal grease such as Dow Corning 340 or Wakefield 120 grease.For system thermal modeling, the MPC8535E
thermal model without a lid is shown in Figure 72 The substrate is modeled as a block 29 x 29 x 1.2 mm with an in-plane
conductivity of 19.8 W/m•K and a through-plane conductivity of 1.13 W/m•K. The solder balls and air are modeled as a single
block 29 x 29 x 0.5 mm with an in-plane conductivity of 0.034 W/m•K and a through plane conductivity of 12.1 W/m•K. The
die is modeled as 9.6 x 9.57 mm with a thickness of 0.75 mm. The bump/underfill layer is modeled as a collapsed thermal
resistance between the die and substrate assuming a conductivity of 7.5 W/m•K in the thickness dimension of 0.07 mm. The die
is centered on the substrate. The thermal model uses approximate dimensions to reduce grid. Please refer to the case outline for
actual dimensions.
2.24.2
Recommended Thermal Model
Junction-to-ambient (@200 ft/min)
Four layer board (2s2p)
RθJA
14
°C/W
1, 2
Junction-to-board thermal
—
RθJB
10
°C/W
3
Junction-to-case thermal
—
RθJC
< 0.1
°C/W
4
Notes
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-2 and JESD51-6 with the board (JESD51-9) horizontal.
3. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the active surface of the die and the case top surface determined by the cold plate method
(MIL SPEC-883 Method 1012.1) with the calculated case temperature. Actual thermal resistance is less than 0.1 •C/W
C/W
Table 80. MPC8535E Thermal Model
Conductivity
Value
Units
Die (9.6x9.6
× 0.85 mm)
Silicon
Temperature dependent
—
Bump/Underfill (9.6 x 9.6
× 0.07 mm) Collapsed Thermal Resistance
Kz
7.5
W/m•K
Substrate (29
× 29 × 1.2 mm)
Kx
19.8
W/m•K
Ky
19.8
Kz
1.13
Solder and Air (29
× 29 × 0.5 mm)
Kx
0.034
W/m•K
Ky
0.034
Kz
12.1
Table 79. Package Thermal Characteristics (continued)
Characteristic
JEDEC Board
Symbol
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com