Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8535EBVTAKG Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MPC8535EBVTAKG
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8535EBVTAKG Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MPC8535EBVTAKG Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8535EBVTAKG Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 126 page
background image
System Clocking
MPC8535E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
113
The heat sink removes most of the heat from the device for most applications. Heat generated on the active side of the chip is
conducted through the silicon and through the heat sink attach material (or thermal interface material), and finally to the heat
sink. The junction-to-case thermal resistance is low enough that the heat sink attach material and heat sink thermal resistance
are the dominant terms.
2.24.3.2
Thermal Interface Materials
A thermal interface material is required at the package-to-heat sink interface to minimize the thermal contact resistance. The
performance of thermal interface materials improves with increased contact pressure. This performance characteristic chart is
generally provided by the thermal interface vendors.
3
Hardware Design Considerations
This section provides electrical and thermal design recommendations for successful application of the MPC8535E.
3.1
System Clocking
This device includes seven PLLs:
•
The platform PLL generates the platform clock from the externally supplied SYSCLK input. The frequency ratio
between the platform and SYSCLK is selected using the platform PLL ratio configuration bits as described in
Section 2.23.2, “CCB/SYSCLK PLL Ratio.”
•
The e500 core PLL generates the core clock as a slave to the platform clock. The frequency ratio between the e500
core clock and the platform clock is selected using the e500 PLL ratio configuration bits as described in Section 2.23.3,
“e500 Core PLL Ratio/”
•
The PCI PLL generates the clocking for the PCI bus
•
The local bus PLL generates the clock for the local bus.
•
There is a PLL for the SerDes1 block to be used for PCI Express interface
•
There is a PLL for the SerDes2 block to be used for SGMII and SATA interfaces.
•
The DDR PLL generates the DDR clock from the externally supplied DDRCLK input in asynchronous mode. The
frequency ratio between the DDR clock and DDRCLK is described in Section 2.23.4, “DDR/DDRCLK PLL Ratio.”
3.2
Power Supply Design and Sequencing
3.2.1
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins (AVDD_PLAT, AVDD_CORE,
AVDD_PCI, AVDD_LBIU, and AVDD_SRDS respectively). The AVDD level should always be equivalent to VDD, and
preferably these voltages will be derived directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to provide independent
filter circuits per PLL power supply as illustrated in Figure 75, one to each of the AVDD pins. By providing independent filters
to each PLL the opportunity to cause noise injection from one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz range. It should be built
with surface mount capacitors with minimum Effective Series Inductance (ESL). Consistent with the recommendations of Dr.
Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993), multiple small capacitors
of equal value are recommended over a single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled from
nearby circuits. It should be possible to route directly from the capacitors to the AVDD pin, which is on the periphery of 783
FC-PBGA the footprint, without the inductance of vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com