Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA6 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA6 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA6 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
CAL_CS[0]
Calibration Chip Selects
PCR[336]
—
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
CAL_CS[2]
CAL_ADDR[10]
Calibration Chip Selects
Calibration Address Bus
PCR[338]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
CAL_CS[3]
CAL_ADDR[11]
Calibration Chip Selects
Calibration Address Bus
PCR[339]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
CAL_DATA[0:9]
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
- / Up
- / Up
—
—
—
CAL_DATA[10:15]
Calibration Data Bus
PCR[341]
I/O
VDDE12
Fast
- / Up
- / Up
—
—
—
CAL_OE
Calibration Output Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_OE /
High
——
—
CAL_RD_WR
Calibration Read/Write
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_RD_WR
/High
——
—
CAL_TS_ALE
Calibration Transfer Start
Address Latch Enable
PCR[343]
O
O
VDDE12
Fast
O / High
CAL_TS / High
—
—
—
CAL_WE_BE[0:1]
Calibration Write Enable
Byte Enable
PCR[342]
—
O
VDDE12
Fast
O / High
CAL_WE /
High
——
—
NEXUS19
EVTI20
eTPU_A[2]
GPIO[231]
Nexus Event In
eTPU A Ch.
GPIO
PCR[231]
01
10
00
I
O
I/O
VDDEH7
Multi-V
- / -
- / -
103
126
P10
EVTO 20
eTPU_A[4]
GPIO[227]
Nexus Event Out
eTPU A Ch.
GPIO
PCR[227]
0121
10
00
O
O
I/O
VDDEH7
Multi-V
I / Up
I / Up
106
129
T10
MCKO20
GPIO[219]
Nexus Msg Clock Out
GPIO
PCR[219]
N/A21
00
O
I/O
VDDEH7
Multi-V
- / -
- / -
99
122
T6
MDO[0]20
eTPU_A[13]
GPIO[220]
Nexus Msg Data Out
eTPU A Ch.
GPIO
PCR[220]
01
10
00
O
O
I/O
VDDEH7
Multi-V
- / -
- / -
110
135
T11
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com