Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA6 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA6 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA6 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
16
— Glitch detection on reset input
— Software controlled reset assertion
•
External interrupt
— 11 interrupt requests
— Rising or falling edge event detection
— Programmable digital filter for glitch rejection
— Critical Interrupt request
— Non-Maskable Interrupt request
•GPIO
— GPIO function on 80 I/O pins
— Virtual GPIO on 64 I/O pins via DSPI serialization (requires external deserialization device)
— Dedicated input and output registers for setting each GPIO and Virtual GPIO pin
•
Internal multiplexing
— Allows serial and parallel chaining of DSPIs
— Allows flexible selection of eQADC trigger inputs
— Allows selection of interrupt requests between external pins and DSPI
1.3.8
ECSM
The error correction status module provides status information regarding platform memory errors reported by error-correcting
codes.
1.3.9
Flash
Devices in the MPC5634M family provide up to 1.5 MB of programmable, non-volatile, flash memory. The non-volatile
memory (NVM) can be used for instruction and/or data storage. The flash module includes a Fetch Accelerator, that optimizes
the performance of the flash array to match the CPU architecture and provides single cycle random access to the flash @
80 MHz. The flash module interfaces the system bus to a dedicated flash memory array controller. For CPU ‘loads’, DMA
transfers and CPU instruction fetch, it supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface
to flash memory. The module contains a four-entry, 128-bit prefetch buffer and a prefetch controller which prefetches sequential
lines of data from the flash array into the buffer. Prefetch buffer hits allow no-wait responses. Normal flash array accesses are
registered and are forwarded to the system bus on the following cycle, incurring three wait-states. Prefetch operations may be
automatically controlled, and are restricted to instruction fetch.
The flash memory provides the following features:
•
Supports a 64-bit data bus for instruction fetch, CPU loads and DMA access. Byte, halfword, word and doubleword
reads are supported. Only aligned word and doubleword writes are supported.
•
Fetch Accelerator
— Architected to optimize the performance of the flash with the CPU to provide single cycle random access to the
flash up to 80 MHz system clock speed
— Configurable read buffering and line prefetch support
— Four line read buffers (128 bits wide) and a prefetch controller
•
Hardware and software configurable read and write access protections on a per-master basis
•
Interface to the flash array controller is pipelined with a depth of one, allowing overlapped accesses to proceed in
parallel for interleaved or pipelined flash array designs
•
Configurable access timing allowing use in a wide range of system frequencies
•
Multiple-mapping support and mapping-based block access timing (0-31 additional cycles) allowing use for emulation
of other memory types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com