Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA6 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA6 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA6 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Pinout and signal description
Freescale Semiconductor
56
Table 6. Power/ground segmentation
Power Segment
Voltage
I/O Pins Powered by Segment
VDDE12
1.8 V - 3.3 V
CAL_CS0, CAL_CS2, CAL_ADDR[12], CAL_ADDR[13],
CAL_ADDR[14], CAL_ADDR[15], CAL_ADDR[16],
CAL_ADDR[17], CAL_ADDR[18], CAL_ADDR[19],
CAL_ADDR[20], CAL_ADDR[21], CAL_ADDR[22],
CAL_ADDR[23], CAL_ADDR[24], CAL_ADDR[25],
CAL_ADDR[26], CAL_ADDR[27], CAL_ADDR[28],
CAL_ADDR[29], CAL_ADDR[30], CAL_DATA[0],
CAL_DATA[1], CAL_DATA[2], CAL_DATA[3], CAL_DATA[4],
CAL_DATA[5], CAL_DATA[6], CAL_DATA[7], CAL_DATA[8],
CAL_DATA[9], CAL_DATA[10], CAL_DATA[11],
CAL_DATA[12], CAL_DATA[13], CAL_DATA[14],
CAL_DATA[15], CAL_RD_WR, CAL_WE[0]/BE[0],
CAL_WE[1]/BE[1], CAL_OE, CAL_TS_ALE, CAL_EVTO,
CAL_MCKO, NEXUSCFG
VDDEH1A
3.3 V - 5.0 V
ETPUA21, ETPUA22, ETPUA23, ETPUA24, ETPUA25,
ETPUA26, ETPUA27, ETPUA28, ETPUA29, ETPUA30,
ETPUA31
VDDEH1B
3.3 V - 5.0 V
ETPUA10, ETPUA11, ETPUA12, ETPUA13, ETPUA14,
ETPUA15, ETPUA16, ETPUA17, ETPUA18, ETPUA19,
ETPUA20
VDDEH4A
3.3 V - 5.0 V
EMIOS0, ETPUA0, ETPUA1, ETPUA2, ETPUA3, ETPUA4,
ETPUA5, ETPUA6, ETPUA7, ETPUA8, ETPUA9
VDDEH4B
3.3 V - 5.0 V
CAN_A_TX, CAN_A_RX, EMIOS1, EMIOS2, EMIOS4,
EMIOS8, EMIOS9, EMIOS10, EMIOS11, EMIOS12,
EMIOS13, EMIOS14, EMIOS15, EMIOS23
VDDEH6A
3.3 V - 5.0 V
RESET, RSTOUT, PLLREF, BOOTCFG[1], WKPCFG,
CAN_C_TX, CAN_C_RX, SCI_A_TX, SCI_A_RX, SCI_B_TX,
SCI_B_RX
VDDEH6B
3.3 V - 5.0 V
DSPI_B_SCK, DSPI_B_SIN, DSPI_B_SOUT, DSPI_B_PCS0,
DSPI_B_PCS1, DSPI_B_PCS2, DSPI_B_PCS3,
DSPI_B_PCS4, DSPI_B_PCS5, DSPI_C_SCK, DSPI_C_SIN,
DSPI_C_SOUT, DSPI_C_PCS0, DSPI_C_PCS1,
DSPI_C_PCS2
VDDEH7
3.3 V - 5.0 V
GPIO[98], GPIO[99], GPIO[206], GPIO[207], EVTI, EVTO,
MDO0, MDO1, MDO2, MDO3, MSEO[0], MSEO[1], TCK, TDI,
TDO, TMS, JCOMP, AN12, AN13, AN14, AN15
VDDA
5.0 V
AN0, AN1, AN2, AN3, AN4, AN5, AN6, AN7, AN8, AN9, AN10,
AN11, AN16, AN17, AN18, AN19, AN20, AN21, AN22, AN23,
AN24, AN25, AN26, AN27, AN28, AN29, AN30, AN31, AN32,
AN33, AN34, AN35, AN36, AN37, AN38, AN39, VRH
Other Power Segments
VRH
0 V
REFBYPC
VDDREG
5 V
—
VRCCTL
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com