Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5633MF0MMGA6 Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC5633MF0MMGA6
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5633MF0MMGA6 Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC5633MF0MMGA6 Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC5633MF0MMGA6 Datasheet HTML 118Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 115 / 118 page
background image
Ordering information
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
115
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
S
PC
56
M
F0
LU
Example code:
3
4
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = PPC in 90 nm
57 = PPC in 65 nm
Core Version
3 = e200z3
Flash Size (z3 core)
2 = 768 KB
3 = 1 MB
4 = 1.5 MB
Product Family
M= MPC5634M
Fab/Mask rev.
F0 = ATMC Rev. 0
Temperature Spec.
M = –40°C to 150°C
Silicon rev.
Package Code
LQ = 144 LQFP
LU = 176 LQFP
MG = 208 MAPBGA
Silicon rev.
A = rev. 1 or later
Maximum Frequency
4 = 40 MHz
6 = 60 MHz
8 = 80 MHz
Maximum Frequency
8
A
M
Fab/Mask rev.
Temperature Spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com