Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXAQJ Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXAQJ Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXAQJ Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
57
PCI/PCI-X
14.2
PCI/PCI-X AC Electrical Specifications
This section describes the general AC timing parameters of the PCI/PCI-X bus. Note that the clock
reference CLK is represented by SYSCLK when the PCI controller is configured for asynchronous mode
and by PCIn_CLK when it is configured for asynchronous mode.
Table 48 provides the PCI AC timing specifications at 66 MHz.
Figure 35 provides the AC test load for PCI and PCI-X.
Figure 35. PCI/PCI-X AC Test Load
Table 48. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol1
Min
Max
Unit
Notes
CLK to output valid
tPCKHOV
—
6.0
ns
2, 3
Output hold from CLK
tPCKHOX
2.0
—
ns
2, 10
CLK to output high impedance
tPCKHOZ
—
14
ns
2, 4, 11
Input setup to CLK
tPCIVKH
3.0
—
ns
2, 5, 10
Input hold from CLK
tPCIXKH
0
—
ns
2, 5, 10
REQ64 to HRESET 9 setup time
tPCRVRH
10
× tSYS
—
clocks
6, 7, 11
HRESET to REQ64 hold time
tPCRHRX
050
ns
7, 11
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
8, 11
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH symbolizes PCI/PCI-X
timing (PC) with respect to the time the input signals (I) reach the valid state (V) relative to the SYSCLK clock, tSYS, reference
(K) going to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI/PCI-X timing (PC) with respect to the time hard
reset (R) went high (H) relative to the frame signal (F) going to the valid (V) state.
2. See the timing measurement conditions in the
PCI 2.2 Local Bus Specifications.
3. All PCI signals are measured from OVDD/2 of the rising edge of SYSCLK or PCI_CLKn to 0.4 × OVDD of the signal in question
for 3.3-V PCI signaling levels.
4. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
5. Input timings are measured at the pin.
6. The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified frequencies. The
system clock period must be kept within the minimum and maximum defined ranges. For values see Section 19, “Clocking.”
7. The setup and hold time is with respect to the rising edge of HRESET.
8. The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local Bus
Specifications.
9. The reset assertion timing requirement for HRESET is 100
μs.
10.Guaranteed by characterization.
11.Guaranteed by design.
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com