| Electronic Components Datasheet Search |
|
MPC8548ECHXAQJ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXAQJ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 144 page ![]() © Freescale Semiconductor, Inc., 2009. All rights reserved. Freescale Semiconductor Technical Data 1Overview This section provides a high-level overview of MPC8548E features. Figure 1 shows the major functional units within the MPC8548E. Although this document is written from the perspective of the MPC8548E, most of the material applies to the other family members—MPC8547E, MPC8545E, and MPC8543E—as well. When specific differences occur, such as pinout differences and processor frequency ranges, they will be identified as such. For specific PVR and SVR numbers, refer to the MPC8548E PowerQUICC™ III Integrated Processor Family Reference Manual. Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . 10 3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14 4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 18 6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 19 7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 8. Enhanced Three-Speed Ethernet (eTSEC) . . . . . . . . 26 9. Ethernet Management Interface Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 11. Programmable Interrupt Controller . . . . . . . . . . . . . 51 12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51 13. I 2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54 14. PCI/PCI-X . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 60 16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68 17. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 87 19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123 20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127 21. System Design Information . . . . . . . . . . . . . . . . . . 128 22. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 137 23. Document Revision History . . . . . . . . . . . . . . . . . . 141 MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications Document Number: MPC8548EEC Rev. 6, 12/2009 |
Similar Part No. - MPC8548ECHXAQJ |
|
Similar Description - MPC8548ECHXAQJ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |