Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8548ECHXAQJ Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXAQJ
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXAQJ Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXAQJ Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8548ECHXAQJ Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6
Freescale Semiconductor
61
High-Speed Serial Interfaces (HSSI)
Using this waveform, the definitions are as follows. To simplify the illustration, the following definitions
assume that the SerDes transmitter and receiver operate in a fully symmetrical differential signaling
environment.
1. Single-ended swing
The transmitter output signals and the receiver input signals SD_TX, SD_TX, SD_RX and SD_RX
each have a peak-to-peak swing of A – B volts. This is also referred as each signal wire’s
single-ended swing.
2. Differential output voltage, VOD (or differential output swing):
The differential output voltage (or swing) of the transmitter, VOD, is defined as the difference of
the two complimentary output voltages: VSD_TX –VSD_TX. The VOD value can be either positive
or negative.
3. Differential input voltage, VID (or differential input swing):
The differential input voltage (or swing) of the receiver, VID, is defined as the difference of the two
complimentary input voltages: VSD_RX –VSD_RX. The VID value can be either positive or
negative.
4. Differential peak voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as differential peak voltage, VDIFFp = |A – B| volts.
5. Differential peak-to-peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver
each range from A – B to –(A – B) volts, the peak-to-peak value of the differential transmitter
output signal or the differential receiver input signal is defined as differential peak-to-peak voltage,
VDIFFp-p = 2 × VDIFFp = 2 × |(A – B)| volts, which is twice of differential swing in amplitude, or
twice of the differential peak. For example, the output differential peak-to-peak voltage can also be
calculated as VTX-DIFFp-p = 2 × |VOD|.
6. Common mode voltage, Vcm
The common mode voltage is equal to one half of the sum of the voltages between each conductor
of a balanced interchange circuit and ground. In this example, for SerDes output, Vcm_out = VSD_TX
+ VSD_TX = (A + B)/2, which is the arithmetic mean of the two complimentary output voltages
within a differential pair. In a system, the common mode voltage may often differ from one
component’s output to the other’s input. Sometimes, it may be even different between the receiver
input and driver output circuits within the same component. It is also referred to as the DC offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com