Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDL-3023 Datasheet(PDF) 17 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 17 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 13Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 14Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image

Recommended Metal solder Stencil Aperture
It is recommended that only a 0.11 mm (0.004 inch) or
a0.127mm(0.005inch)thickstencilbeusedforsolder
pasteprinting.Thisistoensureadequateprintedsolder
pastevolumeandnoshorting.SeetheTable1belowthe
drawing for combinations of metal stencil aperture and
metal stencil thickness that should be used. Aperture
opening for shield pad is 2.6 mm x 1.5 mm(for ASDL-
3023-S1) as per land pattern. Compared to 0.127mm
stencil thickness 0.11mm stencil thickness has longer
length in land pattern. It is extended outwardly from
transceivertocapturemoresolderpastevolume.
Figure A3. Solder stencil aperture
Table 1.
Stencil thickness,
t(mm)
Aperture size(mm)
Length,l
Width,w
0.127mm
1.75+/-0.05
0.55+/-0.05
0.11mm
2.4+/-0.05
0.55+/-0.05
l
k
h
j
Solder Mask
Adjacent Land Keepout and Solder Mask Areas
Adjacent land keepout is the maximum space occupied
bytheunitrelativetothelandpattern.Thereshouldbe
nootherSMDcomponentswithinthisarea.Theminimum
solderresiststripwidthrequiredtoavoidsolderbridging
adjacentpadsis0.2mm.Itisrecommendedthattwofidu-
ciallycrossesbeplacedatmidlengthofthepadsforunit
alignment.
Note:Wet/LiquidPhoto-imaginablesolderresist/maskisrecommended
Dimension
mm
h
0.2
l
3.0
k
3.85
j
10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com