Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDL-3023 Datasheet(PDF) 24 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 24 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 22Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 23Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 24Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 25Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 26Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
4
Appendix F: General Application Guide for the ASDL-3023
Remote Control Drive Modes
The ASDL-3023 can operate in the single-TxD program-
mablemodeorthetwo-TxDdirecttransmissionmode.
Single-TxD Programmable Mode
In the single-TxD programmable mode, only one input
pin (TxD_IR input pin) is used to drive the LED in both
IrDAmodeaswellasRemoteControlmodeofoperation.
Thismodecanbeusedwhentheexternalcontrolleruses
onlyonetransmitpinforbothIrDAaswellRCmodeof
operation.
transceiver is in default mode (IrDA-SIR) when powered
up.Theuserneedstoapplythefollowingprogramming
sequencetoboththeTxD_IRandSDinputstoenablethe
transceivertooperateineithertheIrDAorremotecontrol
mode.
Mode Programming Timing Table
Thefollowingtimingsdescribeinputconstraintsrequiredusingtheactiveserialinterfaceformodeprogrammingwith
pinsSD,TxIR,andTxRC:
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Shutdowninputpulsewidth,atpinSD
tSDPW
30
-
∞
µs
Willactivate
completeshutdown
SDmodesetuptime
tA
200
-
-
Ns
Setupformode
programming
TxIRpulsewidthforRCmode
tB
200
-
-
Ns
RCdriveenabled
withpinTxIR
SDprogrammingpulsewidth
Note:(tA+tB)<tC<tSDPW
tC
-
-
5.0
µs
Pulsewidthmode
programming
TxIRsetuptimefor
SIRorMIR/FIRmode
tS
50
-
-
Ns
SetuptimeforIrDA
bandwidthselection
TxIRorSDholdtimetolatch
SIR,MIR/FIRorRCmode
tH
50
-
-
Ns
HoldtimeforIrDAorRC
modes
Two-TxD Direct Transmission Mode
In the two-TxD direct transmission mode, the LED can
bedrivenseparatelyforIrDAandRCmodeofoperation
through the TxD_IR and TxD_RC pins respectively. This
mode can be used when the external controller utilizes
separatetransmitpinsforIrDAandRCoperationmodes,
therebyeliminatingtheneedforexternalmultiplexing.
Please refer to the Transceiver I/O truth table for more
detail.
Transceiver Control I/O Truth Table for Two-TxD Direct
TransmissionMode
SD
TxIR
TxRC
LED
Remarks
0
0
0
OFF
IRRxenabled.Idlemode
0
0
1
ON
Remotecontroloperation
0
1
0
ON
IrDATxoperation
0
1
1
-
Notrecommended
(BothTransmittersoff)
1
0
0
OFF
Shutdownmode*
* Theshutdownconditionwillsetthetransceivertothedefaultmode
(IrDA-SIR)
tC
tB
tA
tTL
tC
SHUTDOWN
DRIVE
IrDA LED
DRIVE
RC LED
RC
MODE
RESET
DRIVE
IrDA LED
SHUTDOWN
(ACTIVE HIGH)
TxIR
(ACTIVE HIGH)
TxRC
(GND)
tH
tH
tH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com