Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASDL-3023 Datasheet(PDF) 18 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 18 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 14Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 15Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 16Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 17Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 18Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 19Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 20Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 21Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 22Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image

Appendix B: PCB Layout Suggestion
TheeffectsofEMIandpowersupplynoisecanpotentially
reducethesensitivityofthereceiver,resultinginreduced
linkdistance.ThePCBlayoutplayedanimportantroleto
obtainagoodPSRRandEMimmunityresultingingood
electricalperformance.Thingstonote:
1. The ground plane should be continuous under the
part,butshouldnotextendundertheshieldtrace.
2. Theshieldtraceisawide,lowinductancetraceback
tothesystemground.CX1,CX2,CX3,CX4andCX5are
optionalsupplyfiltercapacitors;theymaybeleftoutif
acleanpowersupplyisused.
3. VLED can be connected to either unfiltered or
unregulated power supply. The bypass capacitors
should be connection before the current limiting
resistor R2 respectively. In a noisy environment,
including capacitor CX3and CX4 can enhance supply
rejection.CX3thatisgenerallyaceramiccapacitorof
lowinductanceprovidingawidefrequencyresponse
whileCX4istantalumcapacitorofbigvolumeandfast
frequency response.The use of a tantalum capacitor
ismorecriticalontheVLEDline,whichcarriesahigh
current.
4. VCC pin can be connected to either unfiltered or
unregulated power supply.The Resistor, R1 together
withthecapacitors,CX1andCX2actsasthelowpass
filter.
5. IOVCC is connected to the ASIC voltage supply or
theVCCsupply.Thecapacitor,CX5actsasthebypass
capacitor.
6. Preferably a multi-layered board should be used
to provide sufficient ground plane. Use the layer
underneath and near the transceiver module as Vcc,
and sandwich that layer between ground connected
board layers. The diagram below demonstrate an
exampleofa4layerboard:
• TopLayer:
Connectthemetalshieldand
modulegroundpintobottom
groundlayer;
Placethebypasscapacitorswithin
0.5cmfromtheVCCandground
pinofthemodule.
• Layer2:
Criticalgroundplanezone.3
cminalldirectionaroundthe
module.Connecttoaclean,
noiselessgroundnode(eg
bottomlayer).
• Layer3:
Keepdatabusawayfromcritical
groundplanezone.
• Bottomlayer:
Groundlayer.Groundnoise<75
mVp-p.Shouldbeseparatedfrom
groundusedbynoisysources.
Theareaunderneaththemoduleatthesecondlayer,and
3cminalldirectionaroundthemoduleisdefinedasthe
criticalgroundplanezone.Thegroundplaneshouldbe
maximizedinthiszone.RefertoapplicationnoteAN1114
ortheAvagoTechnologiesIrDADataLinkDesignGuide
fordetails.Thelayoutbelowisbasedona2-layerPCB.
Top Layer
Bottom Layer
Layer 3
Top Layer
Layer 2
Bottom Layer (GND)
Noise sources to be placed as far away from the transceiver as possible
Legend: ground via
CX3
CX4
CX1
CX2
R
1
R
2
CX5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com