Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5017F Datasheet(PDF) 1 Page - Emcore Corporation

Part # 5017F
Description  Delay Line With Fully Integrated Fiber Optics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5017F Datasheet(HTML) 1 Page - Emcore Corporation

  5017F Datasheet HTML 1Page - Emcore Corporation 5017F Datasheet HTML 2Page - Emcore Corporation 5017F Datasheet HTML 3Page - Emcore Corporation 5017F Datasheet HTML 4Page - Emcore Corporation 5017F Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET | JANUARY 2, 2008
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5017-Series Delay Line
With Fully Integrated Fiber Optics
The 5017-Series Delay System delivers unmatched performance for
radar testing, signal processing, phased antenna array, and phase
noise testing. The 5017 also provides unmatched convenience and
robustness because of its fully integrated fiber optics. All the fiber
interfaces are reliably fusion spliced internal to the box, thus eliminating
any handling and maintenance of optical connectors. The user only
needs to provide +5 and +15 volts, then plug in his RF connectors.
Emcore’s fiber-optic transceivers provide bandwidth that is essentially
independent of fiber length, loss or delay, and triple transit signals that
are immeasurable. In addition to enhanced electrical performance, the
delay lines provide several mechanical advantages. The small size of
these components allows for a long delay in a compact package with
the superior temperature stability of fiber. Emcore’s technology takes
advantage of the rigid yet flexible properties of fiber-optic cable to
provide repeatable enhanced phase and group delay characteristics.
Emcore’s Model 5017 consists of directly modulated DFB lasers and
photodiodes fabricated with mature, field-proven Ortel technology.
Applications
Radar testing/calibration
Signal processing
Phased array antennas
Phase noise testing
Features
Bandwidth to 18 GHz
High dynamic range
Built-in optical isolator
1310 nm
Up to 110 µ
µµµ-sec
Integrated fiber
Performance Highlights
Min
Typical
Max
Units
Wavelength Options
1290
1580
nm
Internal Delay Spool
110
µ-sec
Temperature Range
-25
-
+65
°C
Frequency Range
0.1
-
10 - 18
GHz
See following pages for complete specifications and conditions.


Similar Part No. - 5017F

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5017 SCHURTER-5017 Datasheet
312Kb / 2P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
202Kb / 3P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017 SCHURTER-5017 Datasheet
203Kb / 3P
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
05.01.2022
logo
Keystone Electronics Co...
5017 KEYSTONE-5017 Datasheet
679Kb / 1P
SMT TEST POINTS
31-07 20th
logo
List of Unclassifed Man...
5017-009 ETC2-5017-009 Datasheet
172Kb / 3P
Closeout sale in progress
More results

Similar Description - 5017F

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
Fiber Optics
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
Fiber Optics
MT108SL-UR3 MARKTECH-MT108SL-UR3 Datasheet
110Kb / 2P
Fiber Optics
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
Fiber Optics
logo
Raltron Electronics Cor...
CO-CE7850A-LZ-FREQ-EL RALTRON-CO-CE7850A-LZ-FREQ-EL Datasheet
21Kb / 1P
FIBER OPTICS - CLOCK
CO-CE8850A-LZ-FREQ-FR5-C RALTRON-CO-CE8850A-LZ-FREQ-FR5-C Datasheet
25Kb / 1P
FIBER OPTICS - CLOCK
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
Emcore Corporation
OPTIVA-OTS-ODLS-I-40GHZ EMCORE-OPTIVA-OTS-ODLS-I-40GHZ Datasheet
861Kb / 3P
Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-22GHZ EMCORE-OPTIVA-OTS-ODLS-I-22GHZ Datasheet
857Kb / 3P
Internal Fiber Delay Line System
OPTIVA-OTS-ODLS-I-18GHZ EMCORE-OPTIVA-OTS-ODLS-I-18GHZ Datasheet
863Kb / 3P
Internal Fiber Delay Line System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com