Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5017F Datasheet(PDF) 2 Page - Emcore Corporation

Part # 5017F
Description  Delay Line With Fully Integrated Fiber Optics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5017F Datasheet(HTML) 2 Page - Emcore Corporation

  5017F Datasheet HTML 1Page - Emcore Corporation 5017F Datasheet HTML 2Page - Emcore Corporation 5017F Datasheet HTML 3Page - Emcore Corporation 5017F Datasheet HTML 4Page - Emcore Corporation 5017F Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET | JANUARY 2, 2008
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5017-Series Delay Line
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Temperature Range of Baseplate:
TOP
continuous
-55
+75
°C
Storage Temperature
TSTG
-
-55
+85
°C
RF Input Power
PIN
60 seconds
-
20
dBm
ESD, module
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
TEC Current, module
ITEC
continuous
-1.9
1.9
A
RF Characteristics
Parameter
5017A
5017B
5017C
5017D
5017E
5017F
5017G
5017H
Unit
Upper Band Edge Frequency
4
10
15
18
4
10
15
18
GHz
Lower Band Edge Frequency
0.1
0.1
GHz
Amplitude Flatness
± 1.5
± 2.0
± 2.5
± 3.5
± 1.5
± 2.0
± 2.5
± 3.5
dB
Noise Figure
49
54
64
69
59
64
74
79
dB
Max Delay Time
8
110
µ-sec
Insertion Loss
28
36
50
56
dB
Input / Output Return Loss
9
6
9
6
dB
Input Third Order Intercept
+30
+25
+30
+25
dBm
Impedance
50
Ω
Input 1 dB Compression
+20
dBm
Triple Transit Response
<-75
dBc
Connector Options
Parameter
Specifications
Model Number
5017A/E
5017B/F
5017C/G
5017D/H
RF Connector
SMA (f)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com