Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5017F Datasheet(PDF) 4 Page - Emcore Corporation

Part # 5017F
Description  Delay Line With Fully Integrated Fiber Optics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5017F Datasheet(HTML) 4 Page - Emcore Corporation

  5017F Datasheet HTML 1Page - Emcore Corporation 5017F Datasheet HTML 2Page - Emcore Corporation 5017F Datasheet HTML 3Page - Emcore Corporation 5017F Datasheet HTML 4Page - Emcore Corporation 5017F Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DATA SHEET | JANUARY 2, 2008
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5017-Series Delay Line
Outline Diagram 5017E/F/G/H
Dimensions are in inches.
0.19”
diameter 0.125
0.25
6.00
5.50
6.75
RF IN
6.375
Dimension “X”
35
µ-Sec Max: 4.38 inches
60
µ-Sec Max: 5.38 inches
80
µ-Sec Max: 6.38 inches
110
µ-Sec Max: 7.88 inches
X
RF OUT
POWER ON
DB 9 M
1.117
”
2.38



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com