Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 253 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 253 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 249Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 250Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 251Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 252Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 253Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 254Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 255Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 256Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 253
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 16-25: AUXCONx: PWM AUXILIARY CONTROL REGISTER
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
HRPDIS
HRDDIS
—
—
BLANKSEL<3:0>
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CHOPSEL<3:0>
CHOPHEN
CHOPLEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
HRPDIS: High Resolution PWM Period Disable bit(1)
1 = High resolution PWM period is disabled to reduce power consumption
0 = High resolution PWM period is enabled
bit 14
HRDDIS: High Resolution PWM Duty Cycle Disable bit(1)
1 = High resolution PWM duty cycle is disabled to reduce power consumption
0 = High resolution PWM duty cycle is enabled
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
BLANKSEL<3:0>: PWM State Blank Source Select bits
The selected state blank signal will block the current limit and/or fault input signals
(if enabled via the BCH and BCL bits in the LEBCONx register)
1001 = PWM9H selected as state blank source
1000 = PWM8H selected as state blank source
0111 = PWM7H selected as state blank source
0110 = PWM6H selected as state blank source
0101 = PWM5H selected as state blank source
0100 = PWM4H selected as state blank source
0011 = PWM3H selected as state blank source
0010 = PWM2H selected as state blank source
0001 = PWM1H selected as state blank source
0000 = 1’b0 (no state blanking)
bit 7-6
Unimplemented: Read as ‘0’
bit 5-2
CHOPSEL<3:0>: PWM Chop Clock Source Select bits
The selected signal will enable and disable (CHOP) the selected PWM outputs
1001 = PWM9H selected as CHOP clock source
1000 = PWM8H selected as CHOP clock source
0111 = PWM7H selected as CHOP clock source
0110 = PWM6H selected as CHOP clock source
0101 = PWM5H selected as CHOP clock source
0100 = PWM4H selected as CHOP clock source
0011 = PWM3H selected as CHOP clock source
0010 = PWM2H selected as CHOP clock source
0001 = PWM1H selected as CHOP clock source
0000 = Chop Clock generator selected as CHOP clock source
bit 1
CHOPHEN: PWMxH Output Chopping Enable bit
1 = PWMxH chopping function is enabled
0 = PWMxH chopping function is disabled
bit 0
CHOPLEN: PWMxL Output Chopping Enable bit
1 = PWMxL chopping function is enabled
0 = PWMxL chopping function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com