Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 257 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 257 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 253Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 254Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 255Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 256Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 257Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 258Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 259Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 260Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 257
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
bit 5
TQGATE: Timer Gated Time Accumulation Enable bit
1 = Timer gated time accumulation enabled
0 = Timer gated time accumulation disabled
bit 4-3
TQCKPS<1:0>: Timer Input Clock Prescale Select bits(3)
11 = 1:256 prescale value
10 = 1:64 prescale value
01 = 1:8 prescale value
00 = 1:1 prescale value
bit 2
POSRES: Position Counter Reset Enable bit(4)
1 = Index Pulse resets Position Counter
0 = Index Pulse does not reset Position Counter
bit 1
TQCS: Timer Clock Source Select bit
1 = External clock from pin QEAx (on the rising edge)
0 = Internal clock (TCY)
bit 0
UPDN_SRC: Position Counter Direction Selection Control bit(5)
1 = QEBx pin state defines position counter direction
0 = Control/Status bit, UPDN (QEIxCON<11>), defines timer counter (POSxCNT) direction
REGISTER 17-1:
QEIxCON: QEIx CONTROL REGISTER (x = 1 or 2) (CONTINUED)
Note 1: CNTERR flag only applies when QEIM<2:0> = ‘110’ or ‘100’.
2: Read-only bit when QEIM<2:0> = ‘1XX’. Read/write bit when QEIM<2:0> = ‘001’.
3: Prescaler utilized for 16-bit Timer mode only.
4: This bit applies only when QEIM<2:0> = 100 or 110.
5: When configured for QEI mode, this control bit is a ‘don’t care’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com