Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 255 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 255 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 251Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 252Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 253Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 254Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 255Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 256Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 257Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 258Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 255
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
17.0 QUADRATURE ENCODER
INTERFACE (QEI) MODULE
This chapter describes the Quadrature Encoder Inter-
face (QEI) module and associated operational modes.
The QEI module provides the interface to incremental
encoders for obtaining mechanical position data.
The operational features of the QEI include:
• Three input channels for two phase signals and
index pulse
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-bit Timer/Counter mode
• Quadrature Encoder Interface interrupts
These operating modes are determined by setting the
appropriate bits, QEIM<2:0> in (QEIxCON<10:8>).
Figure 17-1 depicts the Quadrature Encoder Interface
block diagram.
FIGURE 17-1:
QUADRATURE ENCODER INTERFACE BLOCK DIAGRAM (x = 1 OR 2)
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 15. “Quadrature
Encoder Interface (QEI)” (DS70208) in
the “dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip web site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Note:
An ‘x’ used in the names of pins, control/
status bits and registers denotes a
particular Quadrature Encoder Interface
(QEI) module number (x = 1 or 2).
16-bit Up/Down Counter
Comparator/
Max Count Register
QEAx(1)
INDXx(1)
1
Up/Down
Existing Pin Logic
UPDNx
3
QEBx(1)
QEIM<2:0>
Mode Select
3
(POSxCNT)
(MAXxCNT)
PCDOUT
QExIF
Event
Flag
Reset
Equal
2
TCY
1
0
TQCS
TQCKPS<1:0>
2
Q
Q
D
CK
TQGATE
QEIM<2:0>
1
0
Sleep Input
0
1
UPDN_SRC
QEIxCON<11>
Zero Detect
Synchronize
Det
1, 8, 64, 256
Prescaler
Quadrature
Encoder
Interface Logic
Programmable
Digital Filter
Programmable
Digital Filter
Programmable
Digital Filter
Note 1: The QEI1 module can be connected to the QEA1/QEB1/INDX1
or AQEA1/AQEB1/AINDX1 pins, which are controlled by clearing
or setting the ALTQIO bit in the FPOR Configuration register. See
Section 24.0 “Special Features” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com