Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1790-3302E/EB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 6Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 7Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 8Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 9Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 10Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 12Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP1790/MCP1791
DS22075A-page 10
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, C
OUT = 4.7 uF Ceramic (X7R), CIN = 10.0 µF Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C,
VIN = 6.0V, RPWRGD_PULLUP = 10 kΩ To VOUT, VSHDN = VIN, and device is MCP1790.
FIGURE 2-13:
Short Circuit Current vs
Input Voltage.
FIGURE 2-14:
Output Noise Voltage
Density vs. Frequency.
FIGURE 2-15:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-16:
Power Supply Ripple
Rejection vs. Frequency.
FIGURE 2-17:
Startup from VIN
(MCP1791).
FIGURE 2-18:
Startup from Shutdown
(MCP1791).
100
105
110
115
120
125
130
6
101418222630
Input Voltage (V)
ROUT < 0.1Ω
VOUT = 5.0V
VOUT = 3.3V
VOUT = 3.0V
0.00
0.01
0.10
1.00
10.00
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=5.0V
IOUT=50mA
VR=3.3V
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=3.3V
VIN=7.0V
VINAC = 400 mV p-p
CIN=0 μF
IOUT=10 mA
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR=5.0V
VIN=7.0V
VINAC = 400 mV p-p
CIN=0 μF
IOUT=10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com