Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1790-3302E/EB Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 15Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 16Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 17Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 18Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 19Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 20Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 21Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 22Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 19
MCP1790/MCP1791
5.3
Power Dissipation Example
Internal power dissipation, junction temperature rise,
junction temperature and maximum power dissipation
are calculated in the following example. The power
dissipation, as a result of ground current, is small
enough to be neglected.
5.3.1
POWER DISSIPATION EXAMPLE
5.3.1.1
Device Junction Temperature Rise
The internal junction temperature rise is a function of
internal power dissipation and the thermal resistance
from junction to ambient for the application. The
thermal resistance from junction to ambient (R
θ
JA) is
derived from an EIA/JEDEC standard for measuring
thermal resistance for small surface mount packages.
The EIA/JEDEC specification is JESD51-7, “High
Effective Thermal Conductivity Test Board for Leaded
Surface Mount Packages”. The standard describes the
test method and board specifications for measuring the
thermal resistance from junction to ambient. The actual
thermal resistance for a particular application can vary
depending on many factors, such as copper area and
thickness. Refer to AN792, “A Method to Determine
How Much Power a SOT23 Can Dissipate in an
Application”,
(DS00792),
for
more
information
regarding this subject.
5.3.1.2
Junction Temperature Estimate
To estimate the internal junction temperature, the
calculated temperature rise is added to the ambient or
offset temperature. For this example, the worst-case
junction temperature is estimated below.
5.3.1.3
Maximum Package Power
Dissipation at +40°C Ambient
Temperature
5.4
Pulsed Load Applications
For some applications, there are pulsed load current
events that may exceed the specified 70 mA maximum
specification of the MCP1790/MCP1791. The internal
current foldback feature of the MCP1790/MCP1791 will
prevent high peak load demands from causing
non-recoverable
damage.
The
Current
Foldback
feature of the device will limit the output voltage and
output current during pulsed applications. As the cur-
rent rises above the foldback current threshold, the out-
put voltage will decrease.
Package:
Package Type = SOT-223-5
Input Voltage:
VIN = 8V to 24V
LDO Output Voltages and Currents:
VOUT =5.0V
IOUT =50 mA
Maximum Ambient Temperature:
TA(MAX) =+40°C
Internal Power Dissipation:
Internal Power dissipation is the product of the LDO
output current times the voltage across the LDO
(VIN to VOUT).
PLDO(MAX) =(VIN(MAX) - VOUT(MIN)) x IOUT(MAX)
PLDO = (24V - (0.98 x 5.0V)) x 50 mA
PLDO = 955 milli-Watts
TJ(RISE) =PTOTAL x RqJA
TJRISE = 955 milli-Watts x 62°C/Watt
TJRISE = 59.2°C
TJ =TJRISE + TA(MAX)
TJ = 99.2°C
SOT-223-5 (62°C/Watt = R
θ
JA)
PD(MAX) = (125°C - 40°C) / 62°C/W
PD(MAX) = 1.371 Watts
DDPAK-5 (32°C/Watt = R
θ
JA)
PD(MAX) = (125°C - 40°C) / 32°C/W
PD(MAX) = 2.656 Watts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com