Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1790-3302E/EB Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1790-3302E/EB
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790-3302E/EB Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1790-3302E/EB Datasheet HTML 11Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 12Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 13Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 14Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 15Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 16Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 17Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 18Page - Microchip Technology MCP1790-3302E/EB Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 15
MCP1790/MCP1791
4.5
Shutdown (SHDN)
The MCP1791 has a Shutdown (SHDN) input signal
that enables or disables the regulator output voltage.
When the SHDN input signal is greater than 2.40V, the
regulator output voltage is enabled. Note that the
regulator output may still be disabled by the undervolt-
age lockout incorporated within the VIN circuitry.
The value of the SHDN signal to put the regulator into
Shutdown mode is ≤ 0.8V. The SHDN pin is pulled low
by an internal resistor. If the SHDN pin is left floating,
the internal pull-down resistor will put the regulator into
shutdown mode.
When the SHDN input signal is pulled to a logic-low, the
PWRGD output signal will also go low and the regulator
will enter a low quiescent current state where the typi-
cal quiescent current is 10 µA. There is a short time
delay (approximately 400 ns) when the SHDN input
signal transitions from high to low to prevent signal
noise from disabling the regulator. The SHDN pin will
ignore low-going pulses that are up to 400 ns in pulse
width. If the SHDN input is pulled low for more than
400 ns, the regulator will enter Shutdown mode. This
small bit of filtering helps to reject any system noise
spikes on the SHDN input signal.
On the rising edge of the SHDN input, the shutdown
circuitry will have a 100 µs delay before allowing the
regulator output to turn on. This delay helps to reject
any false turn-on signals or noise on the SHDN input
signal. After the 100 µs delay, the regulator will start
charging the output capacitor as the regulator output
voltage rises from 0V to its final regulated value. The
charging current will be limited by the short circuit
current value of the device. If the SHDN input signal is
pulled low during the 100 µs delay period, the timer will
be reset and the delay time will start over again on the
next rising edge of the SHDN input. The total time from
the SHDN input going high (turn-on) to the regulator
output being in regulation shall typically be 200 µs
(100 µs + 100 µs) for a CLOAD = 1.0 µF.
FIGURE 4-2:
Shutdown Input Timing
Diagram.
4.6
Low Voltage Shutdown
The MCP1790/MCP1791 incorporates a Low Voltage
Shutdown circuit that turns off the output of the regula-
tor whenever the input voltage, VIN, is below the
specified turn off voltage, VOFF. When the input voltage
(VB) drops below the differential needed to provide
stable regulation, the output voltage (VREG) shall track
the input down to approximately +4.00V. The regulator
will turn off the output at this point.
The output will turn on when VIN rises above the VON
value specified in the data sheet. This feature is
independent of the Shutdown input signal (SHDN) that
is provided for external regulator control. If the SHDN
input signal is active (LOW), then the output of the
regulator shall be disabled regardless of input voltage.
TABLE 4-1:
SHUTDOWN LOGIC
4.7
Output Capacitor
The MCP1790/MCP1791 requires a minimum output
capacitance of 1 µF tantalum or electrolytic capaci-
tance. The minimum value for ceramic capacitors is
4.7 µF. The regulator is stable for all three types of
capacitors from 4.7 µF to 1000 µF (see Figure 4-3).
The MCP1790/MCP1791 regulator may be used with a
1 µF ceramic output capacitor if a 0.300
Ω resistor is
placed in series with the capacitor. The low ESR and
corresponding pole of the ceramic capacitor causes the
instability below 4.7 µF.
The Equivalent Series Resistance (ESR) of the output
capacitor must be no greater than 3 ohms. The output
capacitor should be located as close to the regulator
output as is practical. Ceramic materials X7R and X5R
have
low
temperature
coefficients
and
are
recommended because of their size, cost, and
environmental robustness qualities.
SHDN
VOUT
100 µs
100 µs
TOR
400 ns (typ)
CLOAD = 1.0 µF
CLOAD CHARGING TIME
VIN
SHDN
VOUT
< VOFF
LOFF
< VOFF
HOFF
> VON
LOFF
> VON
HON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com