Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3032IDE Datasheet(PDF) 7 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 3Page - Linear Technology LT3032IDE Datasheet HTML 4Page - Linear Technology LT3032IDE Datasheet HTML 5Page - Linear Technology LT3032IDE Datasheet HTML 6Page - Linear Technology LT3032IDE Datasheet HTML 7Page - Linear Technology LT3032IDE Datasheet HTML 8Page - Linear Technology LT3032IDE Datasheet HTML 9Page - Linear Technology LT3032IDE Datasheet HTML 10Page - Linear Technology LT3032IDE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3032
7
3032f
TYPICAL PERFORMANCE CHARACTERISTICS
ADJN Pin Bias Current
Positive Side Current Limit
Positive Side Current Limit
Negative Side Current Limit
Negative Side Current Limit
Reverse OUTP Pin Current
SHDNN Pin Input Current
SHDNN Pin Input Current
ADJP Pin Bias Current
10
8
6
4
2
0
–2
–4
–6
–8
–10
3032 G19
SHDNN PIN VOLTAGE (V)
–10 –8 –6 –4 –2
0
2
4
6
810
TJ = 25°C
POSITIVE CURRENT
FLOWS INTO THE PIN
12
9
6
3
0
–3
–6
–9
3032 G20
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSHDNN = 15V
VSHDNN = –15V
VINN = –15V
POSITIVE CURRENT
FLOWS INTO THE PIN
TEMPERATURE (°C)
–50
0
50
75
3032 G21
–25
25
100
125
140
120
100
80
60
40
20
0
–70
–60
–50
–40
–30
–20
–10
0
3032 G22
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
500
450
400
350
300
250
200
150
100
50
0
INP-TO-OUTP DIFFERENTIAL VOLTAGE (V)
0
2
4
5
3032 G23
1
3
6
7
VOUTP = 0V
500
450
400
350
300
250
200
150
100
50
0
3032 G24
VINP = 7V
VOUTP = 0V
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
INN-TO-OUTN DIFFERENTIAL VOLTAGE (V)
0
–600
–500
–400
–300
–200
–100
0
3032 G25
–4
–8
–12
–16
–20
ΔVOUTN = 100mV
TEMPERATURE (°C)
–600
–500
–400
–300
–200
–100
0
3032 G26
–50
–25
0
25
50
75
100
125
VINN = –7V
VOUTN = 0V
OUTP PIN VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
3032 G27
0123
4
5
67
8
9
10
TJ = 25°C, VINP = 0V
CURRENT FLOWS
INTO OUTP PIN
VOUTP = VADJP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com