Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3032IDE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 1 Page - Linear Technology

  LT3032IDE Datasheet HTML 1Page - Linear Technology LT3032IDE Datasheet HTML 2Page - Linear Technology LT3032IDE Datasheet HTML 3Page - Linear Technology LT3032IDE Datasheet HTML 4Page - Linear Technology LT3032IDE Datasheet HTML 5Page - Linear Technology LT3032IDE Datasheet HTML 6Page - Linear Technology LT3032IDE Datasheet HTML 7Page - Linear Technology LT3032IDE Datasheet HTML 8Page - Linear Technology LT3032IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3032
1
3032f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 150mA
Positive/Negative Low Noise
Low Dropout Linear Regulator
The LT®3032 is a dual, low noise, positive and negative low
dropout voltage linear regulator. Each regulator delivers
up to 150mA with a typical 300mV dropout voltage. Each
regulator’s quiescent current is low (30μA operating and
<3μA in shutdown) and well-controlled in dropout, making
it an excellent choice for battery-powered circuits.
Another key feature of the LT3032 is low output noise.
Adding an external 10nF bypass capacitor to each regulator
reduces output noise to 20μVRMS/30μVRMS over a 10Hz to
100kHz bandwidth. The LT3032 is stable with minimum
output capacitors of 2.2μF. The regulators do not require
the addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse output prot-
ection, current limiting, and thermal limiting. Each regulator
is offered as an adjustable output device with an output
voltage down to the ±1.22V reference voltages.
The LT3032 is available in a unique low profile 14-lead
4mm × 3mm × 0.75mm DFN package with exposed back-
side pads for each regulator, allowing optimum thermal
performance.
Dual Polarity Low Noise 150mA Power Supply
APPLICATIONS
n Low Noise: 20μVRMS (Positive) and
30μVRMS (Negative)
n Low Quiescent Current: 30μA/Channel
n Wide Input Voltage Range: ±2.3V to ±20V
n Output Current: ±150mA
n Low Shutdown Current: <3μA Total (Typical)
n Low Dropout Voltage: 300mV/Channel
n Adjustable Outputs from ±1.22V to ±20V
n No Protection Diodes Needed
n Stable with 2.2μF Output Capacitors
n Stable with Ceramic, Tantalum or Aluminum Capacitors
n Starts into Reverse Output Voltage
n Current Limit and Thermal Limit
n Low Profile 14-Lead 4mm × 3mm × 0.75mm
DFN Package
n Battery-Powered Instruments
n Bipolar Power Supplies
n Low Noise Power Supplies
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
10μF
10μF
10μF
0.01μF
0.01μF
768k
768k
249k
249k
10μF
5.4V TO
20V
5V OUT AT 150mA
20μVRMS NOISE
–5V OUT AT –150mA
30μVRMS NOISE
–5.4V TO
–20V
<0.25V = OFF
>2V = ON
SHDNP
SHDNN
OUTP
INP
INN
ADJP
LT3032
BYPP
GND
BYPN
ADJN
OUTN
3032 TA01
OUTP
100μV/DIV
OUTN
100μV/DIV
20μVRMS
30μVRMS
1mS/DIV
3032 TA02a
10Hz to 100kHz Output Noise


Similar Part No. - LT3032IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032 Datasheet
584Kb / 20P
Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Devices
LT3032 AD-LT3032 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Linear Technology
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
More results

Similar Description - LT3032IDE

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
logo
Linear Technology
LT3032 LINER-LT3032_12 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
logo
Analog Devices
LT3097 AD-LT3097 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com