Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3032IDE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 5Page - Linear Technology LT3032IDE Datasheet HTML 6Page - Linear Technology LT3032IDE Datasheet HTML 7Page - Linear Technology LT3032IDE Datasheet HTML 8Page - Linear Technology LT3032IDE Datasheet HTML 9Page - Linear Technology LT3032IDE Datasheet HTML 10Page - Linear Technology LT3032IDE Datasheet HTML 11Page - Linear Technology LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3032
9
3032f
TYPICAL PERFORMANCE CHARACTERISTICS
OUTP RMS Noise
vs Bypass Capacitor
OUTP RMS Noise
vs Load Current (10Hz to 100kHz)
OUTN RMS Noise
vs Bypass Capacitor
OUTN RMS Noise
vs Load Current (10Hz to 100kHz)
OUTP 10Hz to 100kHz Output Noise
CBYPP = 0
OUTP 10Hz to 100kHz Output Noise
CBYPP = 0.01μF
Negative Load Regulation
OUTP Noise Spectral Density
OUTN Noise Spectral Density
TEMPERATURE (°C)
10
9
8
7
6
5
4
3
2
1
3032 G37
–50
–25
0
25
50
75
100
125
VINN = VOUTN(NOMINAL) –1V
ΔIL = –1mA TO –150mA
FREQUENCY (Hz)
10
1k
10k
100k
3032 G38
100
10
1
0.1
0.01
CBYPP = 1000pF
CBYPP = 100pF
COUTP = 10μF
IL = 150mA
CBYPP = 0.01μF
VOUTP = 5V
VOUTP = VADJP
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
3032 G39
0.01
100
10
COUTN = 10μF
IL = –150mA
CBYPN = 1000pF
CBYPN = 0
VOUTN = 5V
VOUTN = VADJN
CBYPN = 0.01μF
CBYPN = 100pF
CBYPP (pF)
10
160
140
120
100
80
60
40
20
0
100
1k
10k
3032 G40
COUTP = 10μF
IL = 150mA
f = 10Hz TO 100kHz
VOUTP = 5V
VOUTP = VADJP
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
3032 G41
10
100
1k
COUTP = 10μF
VOUTP = 5V
VOUTP = 5V
VOUTP = VADJP
VOUTP = VADJP
CBYPP = 0
CBYPP = 0.01μF
CBYPN (pF)
10
140
120
100
80
60
40
20
0
100
1k
10k
3032 G42
COUTN = 10μF
IL = –150mA
f = 10Hz TO 100kHz
VOUTN = VADJN
VOUTN = 5V
140
120
100
80
60
40
20
0
LOAD CURRENT (mA)
–0.01
3032 G43
VOUTN = 5V
VOUTN = VADJN
VOUTN = 5V
VOUTN = VADJN
–1
–10
–1k
–0.1
–100
COUTN = 10μF
CBYPN = 0
CBYPN = 0.01μF
1ms/DIV
COUTP = 10μF
IL = 150mA
VOUTP = 5V
VOUTP
100μV/DIV
3032 G44
1ms/DIV
COUTP = 10μF
IL = 150mA
VOUTP = 5V
VOUTP
100μV/DIV
3032 G45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com