Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4010CFE Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4010CFE
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFE Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4010CFE Datasheet HTML 13Page - Linear Technology LTC4010CFE Datasheet HTML 14Page - Linear Technology LTC4010CFE Datasheet HTML 15Page - Linear Technology LTC4010CFE Datasheet HTML 16Page - Linear Technology LTC4010CFE Datasheet HTML 17Page - Linear Technology LTC4010CFE Datasheet HTML 18Page - Linear Technology LTC4010CFE Datasheet HTML 19Page - Linear Technology LTC4010CFE Datasheet HTML 20Page - Linear Technology LTC4010CFE Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4010

4010fb
Sample Applications
Figures 6 through 8 detail sample charger applications of
variouscomplexities.CombinedwiththeTypicalApplication
on the first page of this data sheet, these figures demon-
strate some of the proper configurations of the LTC4010.
MOSFET body diodes are shown in these figures strictly
for reference only.
Figure 6 shows a minimum application, which might be
encountered in low cost NiCd fast charge applications.
The LTC4010 uses –∆V to terminate the fast charge state,
as no external temperature information is available.
Nonsynchronous PWM switching is employed to reduce
external component cost. A single LED indicates charging
status.
Afull-featured2ALTC4010applicationisshowninFigure 7.
The inherent voltage ratings of the VCELL, VCDIV, SENSE
and BAT pins allow charging of one to sixteen series nickel
cellsinthisapplication,governedonlybytheVCCoverhead
limits previously discussed. The application includes all
average cell voltage and battery temperature sensing
circuitry required for the LTC4010 to utilize its full range
of charge qualification, safety monitoring and fast charge
terminationfeatures.TheVTEMPthermisternetworkallows
the LTC4010 to accurately terminate fast charge under a
applicaTions inForMaTion
varietyofappliedchargerates.UseofasynchronousPWM
topology improves efficiency and reduces excess heat
generation. LED D1 indicates valid DC input voltage and
installed battery, while LED D2 indicates charging. Fault
conditions are indicated by LED D3. The grounded CHEM
pin selects the NiMH charge termination parameter set.
P-channelMOSFETQ1functionsasaswitchtoconnectthe
battery to the system load whenever the DC input adapter
is removed. If the maximum battery voltage is less than
the maximum rated VGS of Q1, diode D4 and resistor R1
are not required. Otherwise choose the Zener voltage
of D4 to be less than the maximum rated VGS of Q1. R1
provides a bias current of (VBAT – VZENER)/(R1 + 20k) for
D4 when the input adapter is removed. Choose R1 to make
this current, which is drawn from the battery, just large
enough to develop the desired VGS across D4.
While the LTC4010 is a complete, standalone solution,
Figure 8 shows that it can also be interfaced to a host
microprocessor. The host MCU can control the charger
directlywithanopen-drainI/OportconnectedtotheVTEMP
pin, if that port is low leakage and can tolerate at least
2V. The charger state is monitored on the three LTC4010
status outputs. Charging of NiMH batteries is selected in
this example. However, NiCd parameters could be chosen
as well.
Figure 6. Minimum 1 Amp LTC4010 Application
FAULT
CHRG
READY
VCC
TGATE
VCDIV
VCELL
CHEM
VTEMP
LTC4010
TIMER
INTVDD
GND
SENSE
BAT
FROM
ADAPTER
12V
10µH
TO
SYSTEM
LOAD
0.1
NiCd
PACK
(1AHr)
4010 F06
3k
49.9k
10k
8.66k
0.1µF
10µF
R2
33nF
10µF
BGATE
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com