Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4010CFE Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4010CFE
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFE Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4010CFE Datasheet HTML 15Page - Linear Technology LTC4010CFE Datasheet HTML 16Page - Linear Technology LTC4010CFE Datasheet HTML 17Page - Linear Technology LTC4010CFE Datasheet HTML 18Page - Linear Technology LTC4010CFE Datasheet HTML 19Page - Linear Technology LTC4010CFE Datasheet HTML 20Page - Linear Technology LTC4010CFE Datasheet HTML 21Page - Linear Technology LTC4010CFE Datasheet HTML 22Page - Linear Technology LTC4010CFE Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4010

4010fb
Unlike all of the other applications discussed so far, the
battery continues to power the system during charging.
The MCU could be powered directly from the battery or
from any type of post regulator operating from the bat-
tery. In this configuration, the LTC4010 relies expressly
on the ability of the host MCU to know when load tran-
sients will be encountered. The MCU should then pause
charging (and thus –∆V processing) during those events
to avoid premature fast charge termination. If the MPU
cannot reliably perform this function, the battery should
be disconnected from the load with a rectifier or switch
when charging. In most applications, there should not be
an external load on the battery during charge. Excessive
battery load current variations, such as those generated
by a post-regulating PWM, can generate sufficient voltage
noise to cause the LTC4010 to prematurely terminate a
charge cycle and/or prematurely restart a fast charge. In
this case, it may be necessary to inhibit the LTC4010 after
charging is complete until external gas gauge circuitry
indicates that recharging is necessary. Shutdown power
is applied to the LTC4010 through the body diode of the
P-channel MOSFET in this application.
applicaTions inForMaTion
Waveforms
Sample waveforms for a standalone application during
a typical charge cycle are shown in Figure 9. Note that
these waveforms are not to scale and do not represent the
complete range of possible activity. The figure is simply
intended to allow better conceptual understanding and to
highlight the relative behavior of certain signals generated
by the LTC4010 during a typical charge cycle.
Initially, the LTC4010 is in low power shutdown as the
system operates from a heavily discharged battery. A DC
adapter is then connected such that VCC rises above 4.25V
and is 500mV above BAT. The READY output is asserted
when the LTC4010 completes charge qualification.
When the LTC4010 determines charging should begin, it
starts a precharge cycle because VCELLislessthan900mV.
As long as the temperature remains within prescribed
limits, the LTC4010 charges (TGATE switching), applying
limited current to the battery with the PWM in order to
bring the average cell voltage to 900mV.
Figure 9. Charging Waveforms Example
SHDN
VCC ≥ BAT + 500mV
VCC < BAT + 25mV
VCC
READY
VCDIV
TGATE
VCELL
CHRG
VTEMP
(PAUSE)
SHDN
TOP-OFF
AUTO
RECHARGE
FAST CHARGE
PRECHARGE
0.9V
EXTERNAL
PAUSE
200mV
4010 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com