Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4010CFE Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4010CFE
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010CFE Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4010CFE Datasheet HTML 16Page - Linear Technology LTC4010CFE Datasheet HTML 17Page - Linear Technology LTC4010CFE Datasheet HTML 18Page - Linear Technology LTC4010CFE Datasheet HTML 19Page - Linear Technology LTC4010CFE Datasheet HTML 20Page - Linear Technology LTC4010CFE Datasheet HTML 21Page - Linear Technology LTC4010CFE Datasheet HTML 22Page - Linear Technology LTC4010CFE Datasheet HTML 23Page - Linear Technology LTC4010CFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4010

4010fb
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2005
LT 0110 REV B • PRINTED IN USA
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LT®1510
Constant-Voltage/Constant-Current Battery Charger
Up to 1.5A Charge Current for Li-Ion, NiCd and NiMH Batteries
LT1511
3A Constant-Voltage/Constant-Current Battery Charger
High Efficiency, Minimum External Components to Fast Charge
Lithium, NiMH and NiCd Batteries
LT1513
SEPIC Constant- or Programmable-Current/Constant-
Voltage Battery Charger
Charger Input Voltage May be Higher, Equal to or Lower than
Battery Voltage, 500kHz Switching Frequency
LTC1760
Smart Battery System Manager
Autonomous Power Management and Battery Charging for
Two Smart Batteries, SMBus Rev 1.1 Compliant
LTC1960
Dual Battery Charger/Selector with SPI
11-Bit V-DAC, 0.8% Voltage Accuracy, 10-Bit I-DAC,
5% Current Accuracy
LTC4008
High Efficiency, Programmable Voltage/Current Battery
Charger
Constant-Current/Constant-Voltage Switching Regulator, Resistor
Voltage/Current Programming, AC Adapter Current Limit and
Thermistor Sensor and Indicator Outputs
LTC4011
High Efficiency Standalone Nickel Battery Charger
Complete NiMH/NiCd Charger in a 20-Pin TSSOP Package,
PowerPathTM Control, Constant-Current Switching Regulator
LTC4060
Standalone Linear NiMH/NiCd Fast Charger
Complete NiMH/NiCd Charger in a Small Leaded or Leadless
16-Pin Package, No Sense Resistor or Blocking Diode Required
LTC4100
Smart Battery Charger Controller
Level 2 Charger Operates with or without MCU Host,
SMBus Rev. 1.1 Compliant
LTC4150
Coulomb Counter/Battery Gas Gauge
High Side Sense of Charge Quantity and Polarity in a 10-Pin MSOP
LTC4412
Low Loss PowerPath Controller
Very Low Loss Replacement for Power Supply ORing Diodes
Using Minimal External Components, VIN(MAX) = 28V
LTC4412HV
36V, Low Loss PowerPath Controller in ThinSOT
Very Low Loss Replacement for Power Supply ORing Diodes,
VIN(MAX) = 36V
LTC4413
Dual, 2.6A Ideal Diode in 3mm
× 3mm DFN
2.5V ≤ VIN ≤ 5.5V, Ideal Diode ORing or Load Sharing,
Low Reverse Leakage Current
LTC4414
36V, Low Loss PowerPath Controller for Large PFETs
Higher Gate Drive for Larger QG PFETs, VIN(MAX) = 36V,
8-Pin MSOP Package
PowerPath is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com