Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4355CMS
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4355CMS Datasheet HTML 8Page - Linear Technology LTC4355CMS Datasheet HTML 9Page - Linear Technology LTC4355CMS Datasheet HTML 10Page - Linear Technology LTC4355CMS Datasheet HTML 11Page - Linear Technology LTC4355CMS Datasheet HTML 12Page - Linear Technology LTC4355CMS Datasheet HTML 13Page - Linear Technology LTC4355CMS Datasheet HTML 14Page - Linear Technology LTC4355CMS Datasheet HTML 15Page - Linear Technology LTC4355CMS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4355
12
4355fe
–36V to –72V/10A with Positive Supply and Negative Supply Diode-ORing
4355 F04
LTC4355
LTC4354
FAULT
GND
GATE1
GATE2
IN1
OUT
IN2
MON1
MON2
SET
12.7k
340k
12.7k
1μF
340k
10A
33k
12k
33k
2k
33k
33k
33k
33k
GREEN LEDs
PANASONIC LN1351C
RED LED
PANASONIC
LN1251CLA
10A
15A
15A
IRF3710
IRF3710
IRF3710
IRF3710
RTNA
RTNB
VSS
VCC
GB
GA
DB
DA
VA = –48V
VB = –48V
2k
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
LOAD
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com