Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355CMS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4355CMS
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355CMS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4355CMS Datasheet HTML 11Page - Linear Technology LTC4355CMS Datasheet HTML 12Page - Linear Technology LTC4355CMS Datasheet HTML 13Page - Linear Technology LTC4355CMS Datasheet HTML 14Page - Linear Technology LTC4355CMS Datasheet HTML 15Page - Linear Technology LTC4355CMS Datasheet HTML 16Page - Linear Technology LTC4355CMS Datasheet HTML 17Page - Linear Technology LTC4355CMS Datasheet HTML 18Page - Linear Technology LTC4355CMS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC4355
15
4355fe
TYPICAL APPLICATIONS
AdvancedTCA with High Side and Low Side Ideal Diode-OR
and Hot SwapTM Controller with I2C Current and Voltage Monitor
MON2
SET
MON1
IN1 GATE1 IN2
GND
GATE2 OUT
LTC4355
SENSE
LTC4261
VIN
VEE
TMR
GATE DRAIN
IRF1310NS
330nF
47nF
1μF
1.1k
1.1k
1.1k
1.1k
1M
10nF
100V
33nF
–48VOUT
4355 TA06
–48VRTN(OUT)
1k
2.49k
8mΩ
10Ω
330nF
100nF
100nF
100nF
SS
UVH
UVL
ADIN2
OV
ON
INTVCC
FLTIN
EN
ADR1
ADR0
PG
SCL
SDAI
SDAO
ALERT
PGIO
PGI
ADIN
RAMP
10.2k
100k
D: 1N4148WS
HZS5C1
VSS
VSS
GB
FDS3672
2k
2k
LTC4354
GA
VCC
10k
DB
DA
137k
107k
1μF
22nF
100V
SMBT70A
91Ω
100k
D
D
D
D
FDS3672
100k
7A
–48V_A
–48V_B
MEDIUM LONG
7A
MEDIUM SHORT
10A
LONG
SHORT
SHORT
VRTN_A
ENABLE_B
ENABLE_A
VDA
–
10A
LONG
VRTN_B
VDA
–
FDS3672
FDS3672
100k
1M
1M
100k
FMMT5401
FMMT5401
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com