Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355CMS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4355CMS
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355CMS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4355CMS Datasheet HTML 12Page - Linear Technology LTC4355CMS Datasheet HTML 13Page - Linear Technology LTC4355CMS Datasheet HTML 14Page - Linear Technology LTC4355CMS Datasheet HTML 15Page - Linear Technology LTC4355CMS Datasheet HTML 16Page - Linear Technology LTC4355CMS Datasheet HTML 17Page - Linear Technology LTC4355CMS Datasheet HTML 18Page - Linear Technology LTC4355CMS Datasheet HTML 19Page - Linear Technology LTC4355CMS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4355
16
4355fe
TYPICAL APPLICATIONS
36V to 72V/10A with Positive Supply and Negative Supply Diode-ORing,
Combined Fault Outputs, and Zener Clamps on MOSFET Gates
4355 TA07
LTC4355
LTC4354
FAULT
GND
GATE1
GATE2
IN1
OUT
IN2
MON1
MON2
SET
12.7k
340k
12.7k
1μF
340k
10A
12k
2k
33k
GREEN LED
PANASONIC
LN1351C
10A
15A
15A
IRLR3110ZPbF
IRLR3110ZPbF
IRLR3110ZPbF
IRLR3110ZPbF
VA = 48V
VB = 48V
VSS
VCC
GB
GA
DB
DA
GNDA
GNDB
2k
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
LOAD
12V ZENER
CM4Z669-LTC
12V ZENER
CM4Z669-LTC
100k
2N2222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com