Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2471CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2471CDD Datasheet HTML 7Page - Linear Technology LTC2471CDD Datasheet HTML 8Page - Linear Technology LTC2471CDD Datasheet HTML 9Page - Linear Technology LTC2471CDD Datasheet HTML 10Page - Linear Technology LTC2471CDD Datasheet HTML 11Page - Linear Technology LTC2471CDD Datasheet HTML 12Page - Linear Technology LTC2471CDD Datasheet HTML 13Page - Linear Technology LTC2471CDD Datasheet HTML 14Page - Linear Technology LTC2471CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2471/LTC2473
11
24713f
APPLICATIONS INFORMATION
Figure 6. Read Sequence Timing Diagram
the request and issues a NAK by leaving the SDA line HIGH.
If the conversion is complete, the LTC2471/LTC2473 issue
an ACK by pulling the SDA line LOW.
Following the ACK, the LTC2471/LTC2473 can output data.
The data output stream is 16 bits long and is shifted out
on the falling edges of SCL (see Figure 6).
The DATA INPUT/OUTPUT state is concluded once all 16
data bits have been read or after a STOP condition.
17
8
9
2
3
18
D8
D13
D14
MSB
D15
R
SDA
SCL
7-BIT
ADDRESS
START BY
MASTER
D7
D6
D5
D0
LSB
91
2
3
8
9
ACK BY
MASTER
NACK BY
MASTER
SLEEP
DATA OUTPUT
CONVERSION
24713 F06
ACK BY
LTC2471/LTC2473
Table 1. LTC2471/LTC2473 Output Data Format
SINGLE ENDED INPUT VIN
(LTC2471)
DIFFERENTIAL INPUT VOLTAGE
VIN+ – VIN– (LTC2473)
D15
(MSB)
D14
D13
D12...D2
D1
D0
(LSB)
CORRESPONDING
DECIMAL VALUE
≥VREF
≥VREF
1
1
1
1
1
1
65535
VREF – 1LSB
VREF – 1LSB
1
1
1
1
1
0
65534
0.75 • VREF
0.5 • VREF
1
1
0
0
0
0
49152
0.75 • VREF – 1LSB
0.5 • VREF – 1LSB
1
0
1
1
1
1
49151
0.5 • VREF
0
1
0
0
0
0
0
32768
0.5 • VREF – 1LSB
–1LSB
0
1
1
1
1
1
32767
0.25 • VREF
–0.5 • VREF
0
1
0
0
0
0
16384
0.25 • VREF – 1LSB
–0.5 • VREF – 1LSB
0
0
1
1
1
1
16383
0
≤ –VREF
000
0
0
0
0
The LTC2473 (differential input) output code is given by
INT(32767.5 • (VIN+ – VIN–)/VREF + 32767.5. The first bit
output by the LTC2473, D15, is the MSB, which is 1 for
VIN+ ≥ VIN– and 0 for VIN+ < VIN–. This bit is followed by
successively less significant bits (D14, D13, …) until the
LSB is output by the LTC2473, see Table 1.
The LTC2471 (single-ended input) output code is a direct
binary encoded result, see Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com