Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2471CDD Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2471CDD Datasheet HTML 12Page - Linear Technology LTC2471CDD Datasheet HTML 13Page - Linear Technology LTC2471CDD Datasheet HTML 14Page - Linear Technology LTC2471CDD Datasheet HTML 15Page - Linear Technology LTC2471CDD Datasheet HTML 16Page - Linear Technology LTC2471CDD Datasheet HTML 17Page - Linear Technology LTC2471CDD Datasheet HTML 18Page - Linear Technology LTC2471CDD Datasheet HTML 19Page - Linear Technology LTC2471CDD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2471/LTC2473
17
24713f
Figure 15. LTC2473 Input Signal Attenuation vs
Frequency (250sps Mode)
Figure 16. LTC2473 Input Signal Attenuation vs
Frequency (250sps Mode)
APPLICATIONS INFORMATION
Figure 13. Measured INL vs Input Voltage
Figure 14. Measured INL vs Input Voltage
Figure 17. LTC2473 Input Signal Attenuation vs
Frequency (1000sps Mode)
Figure 18. LTC2473 Input Signal Attenuation vs
Frequency (1000sps Mode)
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
2
3
6
24713 F13
–1
0
1
5
4
–3
–2
–4
0.25
0.75
1.25
CIN = 0.1μF
VCC = 5V
TA = 25°C
RS = 1k
RS = 0k
DIFFERENTIAL INPUT VOLTAGE (V)
–1.25
–0.75
–0.25
2
6
24713 F14
–2
0
4
–6
–4
0.25
0.75
1.25
CIN = 0
VCC = 5V
TA = 25°C
RS = 1k
RS = 0k
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
20
24713 F15
–60
–80
–20
–140
–120
–100
5
10
15
INPUT SIGNAL FREQUENCY (Hz)
0
–80
–40
0
4000
24713 F16
–120
–100
–60
–20
–140
1000
2000
3000
5000
INPUT SIGNAL FREQUENCY (MHz)
0
–80
–40
0
20
24713 F17
–120
–100
–60
–20
–140
5
10
15
INPUT SIGNAL FREQUENCY (kHz)
0
–80
–40
0
20
24713 F18
–120
–100
–60
–20
–140
5
10
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com