Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2471CDD Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2471CDD
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471CDD Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2471CDD Datasheet HTML 11Page - Linear Technology LTC2471CDD Datasheet HTML 12Page - Linear Technology LTC2471CDD Datasheet HTML 13Page - Linear Technology LTC2471CDD Datasheet HTML 14Page - Linear Technology LTC2471CDD Datasheet HTML 15Page - Linear Technology LTC2471CDD Datasheet HTML 16Page - Linear Technology LTC2471CDD Datasheet HTML 17Page - Linear Technology LTC2471CDD Datasheet HTML 18Page - Linear Technology LTC2471CDD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2471/LTC2473
15
24713f
APPLICATIONS INFORMATION
0.1μF capacitors are used. The first conversion following
power up can be discarded using the data abort com-
mand or simply read and ignored. Depending on the value
chosen for CCOMP and CREFOUT, the reference startup can
take more than one conversion period, see Figure 3. If
the startup time is less than 1ms (1ksps output rate) or
4ms (250sps output rate) then conversions following the
first period are accurate to the device specifications. If the
startup time exceeds 1ms or 4ms then the user can wait
the appropriate time or use the fixed conversion period
as a startup timer by ignoring results within the unsettled
period. Once the reference has settled all subsequent
conversion results are valid. If the user places the device
into the sleep mode (SLP = 1, reference powered down)
the reference will require a startup time proportional to
the value of CCOMP and CREFOUT, see Figure 3.
If the reference is put to sleep (program SLP = 1 and CS =
1) the reference is powered down after the next conversion.
This last conversion result is valid. On CS falling edge,
the reference is powered back up. In order to ensure the
reference output has settled before the next conversion,
the power up time can be extended by delaying the data
read after the falling edge of CS. Once all 16 bits are read
from the device or CS is brought HIGH, the next conver-
sion automatically begins. In the default operation, the
reference remains powered up at the conclusion of the
conversion cycle.
Driving VIN+ and VIN–
The input drive requirements can best be analyzed using
the equivalent circuit of Figure 12. The input signal VSIG is
connected to the ADC input pins (IN+ and IN–) through an
equivalent source resistance RS.Thisresistorincludesboth
the actual generator source resistance and any additional
optional resistors connected to the input pins. Optional
input capacitors CIN are also connected to the ADC input
pins. This capacitor is placed in parallel with the input
parasitic capacitance CPAR. This parasitic capacitance
includes elements from the printed circuit board (PCB)
and the associated input pin of the ADC. Depending on the
PCB layout, CPAR has typical values between 2pF and 15pF.
In addition, the equivalent circuit of Figure 12 includes the
converter equivalent internal resistor RSW and sampling
capacitor CEQ.
There are some immediate trade-offs in RS and CIN without
needing a full circuit analysis. Increasing RS and CIN can
give the following benefits:
1) Due to the LTC2471/LTC2473’s input sampling algo-
rithm, the input current drawn by either IN+ or IN– over
a conversion cycle is typically 50nA. A high RS • CIN
attenuates the high frequency components of the input
current, and RS values up to 1k result in <1LSB error.
2) The bandwidth from VSIG is reduced at the input pins
(IN+, IN– or IN). This bandwidth reduction isolates the
ADC from high frequency signals, and as such provides
simple anti-aliasing and input noise reduction.
3) Switching transients generated by the ADC are attenu-
ated before they go back to the signal source.
4) A large CIN gives a better AC ground at the input pins,
helping reduce reflections back to the signal source.
5) Increasing RS protects the ADC by limiting the current
during an outside-the-rails fault condition.
Figure 12. LTC2471/LTC2473 Input Drive Equivalent Circuit
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN+
(LTC2473)
IN
(LTC2471)
VCC
SIG+
SIG–
RS
CEQ
0.35pF
(TYP)
CPAR
+
–
24713 F12
ILEAK
ILEAK
RSW
15k
(TYP)
ICONV
CIN
IN–
(LTC2473)
VCC
RS
CEQ
0.35pF
(TYP)
CPAR
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com