Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5PS2G83AFR Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # H5PS2G83AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button H5PS2G83AFR Datasheet HTML 28Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 29Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 30Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 31Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 32Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 33Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 34Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 35Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Rev. 0.1 / November 2008
32
H5PS2G43AFR
H5PS2G83AFR
9. tIS and tIH (input setup and hold) derating
1) For all input signals the total tIS(setup time) and tIH(hold) time) required is calculated by adding the
datasheet value to the derating value listed in above Table.
Setup(tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VREF(dc) and the first crossing of VIH(ac)min. Setup(tIS) nominal slew rate for a falling signal is defined as
the slew rate between the last crossing of VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is
always earlier than the nominal slew rate for line between shaded ‘VREF(dc) to ac region’, use nominal slew
rate for derating value(see fig a.) If the actual signal is later than the nominal slew rate line anywhere
between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the actual signal from the ac level
to dc level is used for derating value(see Fig b.)
Hold(tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of
VIL(dc)max and the first crossing of VREF(dc). Hold(tIH) nominal slew rate for a falling signal is defined as the
slew rate between the last crossing of VREF(dc). If the actual signal is always later than the nominal slew rate
line between shaded ‘dc to VREF(dc) region’, use nominal slew rate for derating value(see Fig.c) If the actual
signal is earlier than the nominal slew rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew
rate of a tangent line to the actual signal from the dc level to VREF(dc) level is used for derating value(see Fig
d.)
Although for slow rates the total setup time might be negative(i.e. a valid input signal will not have reached
VIH/IL(ac) at the time of the rising clock transition) a valid input signal is still required to complete the transi-
tion and reach VIH/IL(ac).
For slew rates in between the values listed in table, the derating values may obtained by linear interpolation.
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Uni ts
Note s
4.0
+15
+94
+180
+124
+210
+154
ps
1
3.5
+143
+89
+173
+119
+203
+149
ps
1
3.0
+133
+83
+163
+113
+193
+143
ps
1
2.5
+120
+75
+150
+105
+180
+135
ps
1
2.0
+100
+45
+130
+75
+150
+105
ps
1
1.5
+67
+21
+97
+51
+127
+81
ps
1
1.0
0
0
+30
+30
+60
+60
ps
1
0.9
-5
-14
+25
+16
+55
+46
ps
1
0.8
-13
-31
+17
-1
+47
+29
ps
1
0.7
-22
-54
+8
-24
+38
+6
ps
1
0.6
-34
-83
-4
-53
+26
-23
ps
1
0.5
-60
-125
-30
-95
0
-65
ps
1
0.4
-100
-188
-70
-158
-40
-128
ps
1
0.3
-168
-292
-138
-262
-108
-232
ps
1
0.25
-200
-375
-170
-345
-140
-315
ps
1
0.2
-325
-500
-395
-470
-265
-440
ps
1
0.15
-517
-708
-487
-678
-457
-648
ps
1
0.1
-1000
-1125
-970
-1095
-940
-1065
ps
1
tIS, tIH Derating Values for DDR2-667, DDR2-800
Command /
Address
Slew
rate(V/ns)
2.0 V/ns
CK, CK Differential Slew Rate
1.5 V/ns
1.0 V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com