Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5PS2G83AFR Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # H5PS2G83AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button H5PS2G83AFR Datasheet HTML 2Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 3Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 4Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 5Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 6Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 7Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 8Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 9Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Rev. 0.1 / November 2008
6
H5PS2G43AFR
H5PS2G83AFR
1.2 Pin Configuration & Address Table
512Mx4 DDR2 Pin Configuration(Top view: see balls through package)
ROW AND COLUMN ADDRESS TABLE
ITEMS
512Mx4
# of Bank
8
Bank Address
BA0,BA1,BA2
Auto Precharge Flag
A10/AP
Row Address
A0 - A14
Column Address
A0-A9, A11
Page size
1 KB
VSS
DM
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
A14
NC
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
VDD
NC
VDDQ
NC
VDDL
BA2
VSS
VDD
A
B
C
D
E
F
G
H
J
K
VSSQ
DQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
DQS
VSSQ
DQ0
VSSQ
CK
CK
CS
A0
A4
A8
A13
VDDQ
NC
VDDQ
NC
VDD
ODT
VDD
VSS
L
3
2
1
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com