Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5PS2G83AFR Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # H5PS2G83AFR
Description  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button H5PS2G83AFR Datasheet HTML 29Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 30Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 31Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 32Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 33Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 34Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 35Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 36Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Rev. 0.1 / November 2008
33
H5PS2G43AFR
H5PS2G83AFR
These values are typically not subject to production test. They are verified by design and characterization.
10. The maximum limit for this parameter is not a device limit. The device will operate with a greater value
for this parameter, but system performance (bus turnaround) will degrade accordingly.
11. MIN (t CL, t CH) refers to the smaller of the actual clock LOW time and the actual clock HIGH time as
provided to the device (i.e. this value can be greater than the minimum specification limits for t CL and t CH).
For example, t CL and t CH are = 50% of the period, less the half period jitter (t JIT(HP)) of the clock source,
and less the half period jitter due to crosstalk (t JIT(crosstalk)) into the clock traces.
12. t QH = t HP – t QHS, where:
tHP = minimum half clock period for any given cycle and is defined by clock HIGH or clock LOW (tCH,
tCL). tQHS accounts for:
1) The pulse duration distortion of on-chip clock circuits; and
2) The worst case push-out of DQS on one transition followed by the worst case pull-in of DQ on the
next transition, both of which are, separately, due to data pin skew and output pattern effects, and
p-channel to n-channel variation of the output drivers.
13. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the
output drivers as well as output slew rate mismatch between DQS/ DQS and associated DQ in any given
cycle.
14. t DAL = (nWR) + (tRP/tCK):
For each of the terms above, if not already an integer, round to the next highest integer. tCK refers to the
application clock period. nWR refers to the t WR parameter stored in the MR.
Example: For DDR533 at t CK = 3.75 ns with t WR programmed to 4 clocks. tDAL = 4 + (15 ns / 3.75 ns)
clocks =4 +(4)clocks=8clocks.
15. The clock frequency is allowed to change during self–refresh mode or precharge power-down mode.
In case of clock frequency change during precharge power-down, a specific procedure is required as
described in section 2.9.
16. ODT turn on time min is when the device leaves high impedance and ODT resistance begins to turn on.
ODT turn on time max is when the ODT resistance is fully on. Both are measured from tAOND.
17. ODT turn off time min is when the device starts to turn off ODT resistance.
ODT turn off time max is when the bus is in high impedance. Both are measured from tAOFD.
18. tHZ and tLZ transitions occur in the same access time as valid data transitions. Thesed parameters are
referenced to a specific voltage level which specifies when the device output is no longer driving (tHZ), or
begins driving (tLZ). Below figure shows a method to calculate the point when device is no longer driving
(tHZ), or begins driving (tLZ) by measuring the signal at two different voltages. The actual voltage measure-
ment points are not critical as long as the calculation is consistent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com