Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R01M Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
47
December 18, 2009
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer/Event Counter or Time Base requires
microcontroller attention, their corresponding interrupt
will enforce a temporary suspension of the main pro-
gram allowing the microcontroller to direct attention to
their respective needs.
The devices contain a single external interrupt and mul-
tiple internal interrupts. The external interrupt is con-
trolled by the action of the external interrupt pin, while
the internal interrupt is controlled by the Timer/Event
Counters and Time Base overflows.
Interrupt Register
Overall interrupt control, which means interrupt enabling
and request flag setting, is controlled by using two regis-
ters, INTC0 and INTC1. By controlling the appropriate
enable bits in this registers each individual interrupt can
be enabled or disabled. Also when an interrupt occurs,
the corresponding request flag will be set by the
microcontroller. The global enable flag if cleared to zero
will disable all interrupts.
Interrupt Operation
A Timer/Event Counter overflow, a Time Base event or
an active edge on the external interrupt pin will all gener-
ate an interrupt request by setting their corresponding
request flag, if their appropriate interrupt enable bit is
set. When this happens, the Program Counter, which
stores the address of the next instruction to be exe-
cuted, will be transferred onto the stack. The Program
Counter will then be loaded with a new address which
will be the value of the corresponding interrupt vector.
The microcontroller will then fetch its next instruction
from this interrupt vector. The instruction at this vector
will usually be a JMP statement which will jump to an-
other section of program which is known as the interrupt
service routine. Here is located the code to control the
appropriate interrupt. The interrupt service routine must
be terminated with a RETI instruction, which retrieves
the original Program Counter address from the stack
and allows the microcontroller to continue with normal
execution at the point where the interrupt occurred.
The various interrupt enable bits, together with their as-
sociated request flags, are shown in the following dia-
gram with their order of priority.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked, as the EMI bit will be cleared au-
tomatically. This will prevent any further interrupt nesting
from occurring. However, if other interrupt requests oc-
cur during this interval, although the interrupt will not be
immediately serviced, the request flag will still be re-
corded. If an interrupt requires immediate servicing
while the program is already in another interrupt service
routine, the EMI bit should be set after entering the rou-
tine, to allow interrupt nesting. If the stack is full, the in-
terrupt request will not be acknowledged, even if the
related interrupt is enabled, until the Stack Pointer is
decremented. If immediate service is desired, the stack
must be prevented from becoming full.
A u t o m a t i c a l l y C l e a r e d b y I S R
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g I N T F
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
I N T E
T 0 E
E M I
P r i o r i t y
H i g h
L o w
I n t e r r u p t
P o l l i n g
A D E
T 1 E
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
A / D C o n v e r s i o n
I n t e r r u p t R e q u e s t F l a g A D F
T B E
T i m e B a s e
I n t e r r u p t R e q u e s t F l a g T B F
E M I
A u t o m a t i c a l l y D i s a b l e d w h e n i n t e r r u p t
e v e n t i s s e r v i c e d E n a b l e d m a n u a l l y o r
a u t o m a t i c a l l y w i t h R E T I i n s t r u c t i o n
E M I
E M I
E M I
Note: HT48R01M/HT48R02M haven
¢t ADC interrupt
Interrupt Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com