Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R01M Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
Application Circuits
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
51
December 18, 2009
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
P A 0 / A N 0
P A 1 / P F D / A N 1
P A 2 / T C 0 / A N 2
P A 3 / I N T / A N 3
P A 4 / T C 1 / P W M 0
P B 0
P B 1
R E S / P A 7
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W
0 . 0 1 m F
1 N 4 1 4 8
V D D
4 7 m F
1 0 0 m H
1 0 0 m F
1 . 5 V
B a t t e r y
C E
V O U T
1 N 5 8 1 7
3 V
L X
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the OTP Program Memory de-
vice during the programming process. During the development process, these options are selected using the HT-IDE
software development tools. As these options are programmed into the device using the hardware programming tools,
once they are selected they cannot be changed later by the application software. All options must be defined for proper
system function, the details of which are shown in the table.
No.
Options
1
Watchdog Timer: enable or disable
2
Watchdog Timer clock source: LXT, LIRC or fSYS/4
Note: LXT oscillator must be selected by OSC configuration option if WDT clock source is from LXT.
3
CLRWDT instructions: 1 or 2 instructions
4
System oscillator configuration: HXT, HIRC, ERC, HIRC + LXT
5
LVR function: enable or disable
6
LVR voltage: 2.1V
7
RES or PA7 pin function
8
SST: 1024 or 2 clocks (determine tSST for HIRC/ERC)
9
Internal RC: 4MHz or 8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com