Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R01M Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
41
December 18, 2009
Analog to Digital Converter
The need to interface to real world analog signals is a
common requirement for many electronic systems.
However, to properly process these signals by a
microcontroller, they must first be converted into digital
signals by A/D converters. By integrating the A/D con-
version electronic circuitry into the microcontroller, the
need for external components is reduced significantly
with the corresponding follow-on benefits of lower costs
and reduced component space requirements.
A/D Overview
The device contains an 4-channel analog to digital con-
verter which can directly interface to external analog sig-
nals, such as that from sensors or other control signals
and convert these signals directly into either a 12-bit dig-
ital value.
The accompanying block diagram shows the overall in-
ternal structure of the A/D converter, together with its as-
sociated registers.
A/D Converter Data Registers
- ADRL, ADRH
The device, which has an internal 12-bit A/D converter,
requires two data registers, a high byte register, known
as ADRH, and a low byte register, known as ADRL. After
the conversion process takes place, these registers can
be directly read by the microcontroller to obtain the digit-
ised conversion value. Only the high byte register,
ADRH, utilises its full 8-bit contents. The low byte regis-
ter utilises only 4 bit of its 8-bit contents as it contains
only the lowest bits of the 12-bit converted value.
In the following table, D0~D11 is the A/D conversion
data result bits.
Register
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
ADRL
D3
D2
D1
D0
¾¾¾¾
ADRH
D11 D10 D9
D8
D7
D6
D5
D4
A/D Data Registers
A/D Converter Control Registers
- ADCR, ACSR
To control the function and operation of the A/D con-
verter, two control registers known as ADCR and ACSR
are provided. These 8-bit registers define functions
such as the selection of which analog channel is con-
nected to the internal A/D converter, which pins are
used as analog inputs and which are used as normal
I/Os, the A/D clock source as well as controlling the start
function and monitoring the A/D converter end of con-
version status.
The ACS1~ACS0 bits in the ADCR register define the
channel number. As the device contains only one actual
analog to digital converter circuit, each of the individual
4 analog inputs must be routed to the converter. It is the
function of the ACS1~ACS0 bits in the ADCR register to
determine which analog channel is actually connected
to the internal A/D converter.
¸
C l o c k
D i v i d e r
N
A C S R R e g i s t e r
A D C
A D R L
A D R H
A / D D a t a
R e g i s t e r s
P C R 0 ~ P C R 3
A D C S 0 ~ A D C S 2
S T A R T
E O C B
A D C R
R e g i s t e r
A D O N B B i t
A / D E n a b l e
f S Y S
P A 0 / A N 0
P A 1 / A N 1
P A 2 / A N 2
P A 3 / A N 3
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com